Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EL4331CS-T13 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL4331CS-T13
Description  Triple 2:1 Mux-Amp AV = 1
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4331CS-T13 Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL4331CS-T13 Datasheet HTML 1Page - Renesas Technology Corp EL4331CS-T13 Datasheet HTML 2Page - Renesas Technology Corp EL4331CS-T13 Datasheet HTML 3Page - Renesas Technology Corp EL4331CS-T13 Datasheet HTML 4Page - Renesas Technology Corp EL4331CS-T13 Datasheet HTML 5Page - Renesas Technology Corp EL4331CS-T13 Datasheet HTML 6Page - Renesas Technology Corp EL4331CS-T13 Datasheet HTML 7Page - Renesas Technology Corp EL4331CS-T13 Datasheet HTML 8Page - Renesas Technology Corp EL4331CS-T13 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FN7162 Rev 1.00
Page 1 of 10
May 12, 2004
FN7162
Rev 1.00
May 12, 2004
EL4331
Triple 2:1 Mux-Amp AV = 1
DATASHEET
The EL4331 is a triple, very high speed, 2:1 Multiplexing
Amplifier. It is intended primarily for component video
multiplexing, and is especially suited for pixel switching. The
amplifiers have their gain set to 1, internally. All three
amplifiers are switched simultaneously from their A to B
inputs by the TTL/CMOS compatible, common A/B control
pin.
The EL4331 has a power-down mode, in which the total
supply current drops to less than 1mA. In this mode, each
output will appear as a high impedance.
The EL4331 runs from standard ±5V supplies, and is
available in the narrow 16-pin small outline package. The
package is specified for operation over the full -40°C to
+85°C temperature range.
Pinout
Features
• 3ns A-B switching
• 300MHz bandwidth
• Power-down mode
• TTL/CMOS compatible controls
• Fixed gain of 1
• 400V/µs slew rate
• Pb-free available
Applications
• RGB multiplexing
• Picture-in-picture
• Cable driving
• HDTV processing
• Switched gain amplifiers
• ADC input multiplexer
EL4331
(16-PIN SO)
TOP VIEW
Ordering Information
PART NUMBER
PACKAGE
TAPE &
REEL
PKG. DWG. #
EL4331CS
16-Pin SO (0.150”)
-
MDP0027
EL4331CS-T7
16-Pin SO (0.150”)
7”
MDP0027
EL4331CS-T13
16-Pin SO (0.150”)
13”
MDP0027
EL4331CSZ
(Note)
16-Pin SO (0.150”)
(Pb-Free)
-
MDP0027
EL4331CSZ-T7
(Note)
16-Pin SO (0.150”)
(Pb-Free)
7”
MDP0027
EL4331CSZ-T13
(Note)
16-Pin SO (0.150”)
(Pb-Free)
13”
MDP0027
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.


Similar Part No. - EL4331CS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4331CS-T13 INTERSIL-EL4331CS-T13 Datasheet
790Kb / 10P
Triple 2:1 Mux-Amp AV = 1
May 12, 2004
More results

Similar Description - EL4331CS-T13

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4331C ELANTEC-EL4331C Datasheet
1Mb / 13P
Triple 2:1 Mux-Amp AV = 1
EL4332C ELANTEC-EL4332C Datasheet
1Mb / 17P
Triple 2:1 300 MHz Mux-Amp AV =2
logo
Intersil Corporation
EL4331 INTERSIL-EL4331 Datasheet
790Kb / 10P
Triple 2:1 Mux-Amp AV = 1
May 12, 2004
EL4332 INTERSIL-EL4332 Datasheet
653Kb / 15P
Triple 2:1 300MHz Mux-Amp AV = 2
October 4, 2004
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A Datasheet
558Kb / 6P
Quad 2:1 Mux/DeMux
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
Quad 2:1 Mux/DeMux
logo
Texas Instruments
DS42MB100 TI1-DS42MB100_16 Datasheet
1Mb / 25P
4.25-Gbps 2:1/1:2 CML MUX/Buffer
logo
Renesas Technology Corp
EL4332 RENESAS-EL4332 Datasheet
1Mb / 15P
Triple 2:1 300MHz Mux-Amp AV = 2
logo
Diodes Incorporated
PI3DBS12212A DIODES-PI3DBS12212A Datasheet
501Kb / 1P
3.3V, 1-12Gbps 1-Lane 2:1 Mux/De-Mux Switch
PI3DBS16412 DIODES-PI3DBS16412 Datasheet
527Kb / 1P
3.3V, 1-20Gbps 2-Lane 2:1 Mux/De-Mux Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com