Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BTA25 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BTA25
Description  800 V and 600 V, 25 A standard Triacs in RD91 package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA25 Datasheet(HTML) 1 Page - STMicroelectronics

  BTA25 Datasheet HTML 1Page - STMicroelectronics BTA25 Datasheet HTML 2Page - STMicroelectronics BTA25 Datasheet HTML 3Page - STMicroelectronics BTA25 Datasheet HTML 4Page - STMicroelectronics BTA25 Datasheet HTML 5Page - STMicroelectronics BTA25 Datasheet HTML 6Page - STMicroelectronics BTA25 Datasheet HTML 7Page - STMicroelectronics BTA25 Datasheet HTML 8Page - STMicroelectronics BTA25 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RD91
A2
A1
G
A1
A2
G
Features
High current Triac
Low thermal resistance with clip bonding
High commutation (4 quadrants) or very high commutation (3 quadrants)
capability
UL1557 recognized components (file ref: 81734)
RoHS (2002/95/EC) compliant packages
Applications
On/off function in static relays, heating regulation, induction motor starting
circuits
Phase control operations in light dimmers and motor speed controllers
Description
Available in the Faston terminal RD91 package, the BTA25 is suitable for general
purpose AC switching and provides an insulated tab (rated at 2500 VRMS).
Representative samples of these components have been evaluated by UL and meet
applicable UL requirements for UL 1557 standard (file ref. 81734).
Product status link
BTA25
RD91 insulated
package
Product summary
IT(RMS)
25 A
VDRM/VRRM
600 V to 800 V
IGT
50 mA
800 V and 600 V, 25 A standard Triacs in RD91 package
BTA25
Datasheet
DS13703 - Rev 1 - August 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - BTA25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA25 STMICROELECTRONICS-BTA25 Datasheet
137Kb / 12P
25A TRIACS
31-Jul-2006
BTA25 STMICROELECTRONICS-BTA25 Datasheet
133Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
BTA25 STMICROELECTRONICS-BTA25 Datasheet
135Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
BTA25 STMICROELECTRONICS-BTA25 Datasheet
142Kb / 12P
25 A standard and Snubberless™ triacs
05-Jul-2007
logo
Shenzhen Luguang Electr...
BTA25 LUGUANG-BTA25 Datasheet
3Mb / 6P
25A Ⅲ&ⅣSERIES TRIACS
Revision:20230619-P1
More results

Similar Description - BTA25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA25-700B STMICROELECTRONICS-BTA25-700B Datasheet
142Kb / 12P
25 A standard and Snubberless™ triacs
05-Jul-2007
BTA25-400B STMICROELECTRONICS-BTA25-400B Datasheet
135Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
BTA26-800BWRG STMICROELECTRONICS-BTA26-800BWRG Datasheet
135Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
logo
Kersemi Electronic Co.,...
BTA25-700B KERSEMI-BTA25-700B Datasheet
2Mb / 11P
Snuberrless and Standard 25 A Triacs
BTA25-600BW KERSEMI-BTA25-600BW Datasheet
2Mb / 11P
Snuberrless and Standard 25 A Triacs
BTA26-800CW KERSEMI-BTA26-800CW Datasheet
2Mb / 11P
Snuberrless and Standard 25 A Triacs
BTA26-600B KERSEMI-BTA26-600B Datasheet
2Mb / 11P
Snuberrless and Standard 25 A Triacs
BTA24-800B KERSEMI-BTA24-800B Datasheet
2Mb / 11P
Snuberrless and Standard 25 A Triacs
logo
STMicroelectronics
BTA26-400BRG STMICROELECTRONICS-BTA26-400BRG Datasheet
135Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
BTA26 STMICROELECTRONICS-BTA26_V01 Datasheet
207Kb / 10P
800 V and 600 V, 25 A standard Triacs in TOP3 package
03-Aug-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com