Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M95M02-DR Datasheet(PDF) 2 Page - STMicroelectronics

Part # M95M02-DR
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DR Datasheet(HTML) 2 Page - STMicroelectronics

  M95M02-DR Datasheet HTML 1Page - STMicroelectronics M95M02-DR Datasheet HTML 2Page - STMicroelectronics M95M02-DR Datasheet HTML 3Page - STMicroelectronics M95M02-DR Datasheet HTML 4Page - STMicroelectronics M95M02-DR Datasheet HTML 5Page - STMicroelectronics M95M02-DR Datasheet HTML 6Page - STMicroelectronics M95M02-DR Datasheet HTML 7Page - STMicroelectronics M95M02-DR Datasheet HTML 8Page - STMicroelectronics M95M02-DR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
1
Description
The M95M02 devices are electrically erasable programmable memory (EEPROM) organized as 262144 x 8 bits,
accessed through the SPI bus.
Over an ambient temperature range of -40 °C / +85 °C the M95M02-DR can operate with a supply voltage from
1.8 to 5.5 V. Over an ambient temperature range of -20 °C / +85 °C the M95M02-DF can operate with a supply
voltage from 1.7 to 5.5 V.
The M95M02 devices offer an additional page, named the Identification page (256 bytes). The Identification page
can be used to store sensitive application parameters that can be (later) permanently locked in read-only mode.
Figure 1. Logic diagram
MS45413V1
S
VCC
HOLD
M95xxx
W
Q
C
D
VSS
The SPI bus signals are C, D and Q, as shown in Figure 1 and Table 1. The device is selected when chip select
(S) is driven low. Communications with the device can be interrupted when the HOLD is driven low.
Table 1. Signal names
Signal name
Function
Direction
C
Serial clock
Input
D
Serial data input
Input
Q
Serial data output
Output
S
Chip select
Input
W
Write protect
Input
HOLD
Hold
Input
VCC
Supply voltage
-
VSS
Ground
-
M95M02-DR M95M02-DF
Description
DS7024 - Rev 13
page 2/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com