Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7496 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7496
Description  5W5W AMPLIFIER WITH DC VOLUME CONTROL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7496 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7496 Datasheet HTML 1Page - STMicroelectronics TDA7496 Datasheet HTML 2Page - STMicroelectronics TDA7496 Datasheet HTML 3Page - STMicroelectronics TDA7496 Datasheet HTML 4Page - STMicroelectronics TDA7496 Datasheet HTML 5Page - STMicroelectronics TDA7496 Datasheet HTML 6Page - STMicroelectronics TDA7496 Datasheet HTML 7Page - STMicroelectronics TDA7496 Datasheet HTML 8Page - STMicroelectronics TDA7496 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
TDA7496SA
Ipeak
Output Peak Current
(internally limited)
1.0
1.3
A
VIN
Input Signal
2.8
Vrms
GV
Closed Loop Gain
VOl Ctrl >4.5V
28.5
30
31.5
dB
GVLine
Monitor Out Gain
VOl Ctrl >4.5V; Zload >30KΩ
-1.5
0
1.5
dB
AMin VOL Attenuation at Minimum Volume
VOl Ctrl <0.5V
80
dB
BW
0.6
MHz
eN
Total Output Noise
f = 20Hz to 22KHz
PLAY, max volume
500
800
µV
f = 20Hz to 22KHz
PLAY, max attenuation
100
250
µV
f = 20Hz to 22KHz MUTE
60
150
µV
SR
Slew Rate
5
8
V/
µs
Ri
Input Resistance
22.5
30
K
Ω
RVar Out
Variable Output Resistance
30
100
Ω
RL Var Out Variable Output Load
2
K
Ω
SVR
Supply Voltage Rejection
f = 1KHz; max volume
CSVR = 470µF; VRIP = 1Vrms
35
39
dB
f = 1KHz; max attenuation
CSVR = 470µF; VRIP = 1Vrms
55
65
dB
TM
Thermal Muting
150
°C
TS
Thermal Shut-down
160
°C
MUTE & INPUT SELECTION FUNCTIONS
VST-ON
Stand-by ON Threshold
3.5
V
VST-OFF
Stand-by OFF Threshold
1.5
V
VMUTEON Mute ON threshold
3.5
V
VMUTEOFF Mute OFF threshold
1.5
V
AMUTE
Mute Attenuation
50
65
dB
IqST-BY
Quiescent Current @ Stand-by
0.6
1
mA
IstbyBIAS
Stand-by bias current
Stand by ON: VST-BY = 5V;
Vmute = 5V
80
µA
Play or Mute
-20
-5
µA
ImuteBIAS Mute Bias Current
Mute
1
5
µA
Play
0.2
2
µA
ELECTRICAL CHARACTERISTCS (continued)
(Refer to the test circuit RL = 8Ω, f = 1KHz, Rg = 50Ω, VS = 22V, Tamb = 25°C)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com