Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7495 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7495
Description  5W5W AMPLIFIER WITH DC VOLUME CONTROL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7495 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7495 Datasheet HTML 3Page - STMicroelectronics TDA7495 Datasheet HTML 4Page - STMicroelectronics TDA7495 Datasheet HTML 5Page - STMicroelectronics TDA7495 Datasheet HTML 6Page - STMicroelectronics TDA7495 Datasheet HTML 7Page - STMicroelectronics TDA7495 Datasheet HTML 8Page - STMicroelectronics TDA7495 Datasheet HTML 9Page - STMicroelectronics TDA7495 Datasheet HTML 10Page - STMicroelectronics TDA7495 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7/13
TDA7496SA
Figure 4. Quiescent Current vs. Supply Voltage
Figure 5. Output Dc Offset vs. Supply Voltage
Figure 6. Output Power vs. Supply Voltage
Figure 7. Output DC Offset vs. Supply Voltage
Figure 8. Output Power vs Supply Voltage
Figure 9. Distortion vs Output Power
10
12
14
16
18
20
22
24
26
28
30
32
16
18
20
22
24
26
28
30
Supply Voltage (V)
Iq
(mA)
Vi=0
D03AU1494
10
12
14
16
18
20
22
24
26
28
30
32
4
5
6
7
8
9
10
11
12
13
14
15
16
Supply Voltage (V)
Vi=0
Vodc
(V)
D03AU1495
10
12
14
16
18
20
22
24
26
0
1
2
3
4
5
6
7
8
Output Power
(W)
Rl=8
Ω
F=1KHz
THD=10%
THD=1%
D03AU1497
Supply Voltage (V)
10
12
14
16
18
20
22
24
26
28
30
32
100
120
140
160
180
200
220
240
260
280
Supply Voltage (V)
Vi=0
Vodc-Vsvr
(mV)
D03AU1496/mod
10
10.5
11
11.5
12
12.5
13
13.5
14
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
Output Power
(W)
Rl=4
Ω
F=1KHz
THD=10%
THD=1%
D03AU1498
Supply Voltage (V)
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
0.1
0.01
1
Distortion
(%)
Vs=22V
Rl=8
Ω
F=15KHz
F=1KHz
D03AU1499
Output Power (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com