Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCF80C51BH-4P Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF80C51BH-4P
Description  CMOS single-chip 8-bit microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF80C51BH-4P Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF80C51BH-4P Datasheet HTML 17Page - NXP Semiconductors PCF80C51BH-4P Datasheet HTML 18Page - NXP Semiconductors PCF80C51BH-4P Datasheet HTML 19Page - NXP Semiconductors PCF80C51BH-4P Datasheet HTML 20Page - NXP Semiconductors PCF80C51BH-4P Datasheet HTML 21Page - NXP Semiconductors PCF80C51BH-4P Datasheet HTML 22Page - NXP Semiconductors PCF80C51BH-4P Datasheet HTML 23Page - NXP Semiconductors PCF80C51BH-4P Datasheet HTML 24Page - NXP Semiconductors PCF80C51BH-4P Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Philips Semiconductors
Product specification
80C31/80C51/87C51
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
21
EPROM CHARACTERISTICS
The 87C51 is programmed by using a modified Quick-Pulse
Programming
™ algorithm. It differs from older methods in the value
used for VPP (programming supply voltage) and in the width and
number of the ALE/PROG pulses.
The 87C51 contains two signature bytes that can be read and used
by an EPROM programming system to identify the device. The
signature bytes identify the device as an 87C51 manufactured by
Philips Corporation.
Table 3 shows the logic levels for reading the signature bytes, and
for programming the program memory, the encryption table, and the
security bits. The circuit configuration and waveforms for quick-pulse
programming are shown in Figures 13 and 14. Figure 15 shows the
circuit configuration for normal program memory verification.
Quick-Pulse Programming
The setup for microcontroller quick-pulse programming is shown in
Figure 13. Note that the 87C51 is running with a 4 to 6MHz
oscillator. The reason the oscillator needs to be running is that the
device is executing internal address and program data transfers.
The address of the EPROM location to be programmed is applied to
ports 1 and 2, as shown in Figure 13. The code byte to be
programmed into that location is applied to port 0. RST, PSEN and
pins of ports 2 and 3 specified in Table 3 are held at the ‘Program
Code Data’ levels indicated in Table 3. The ALE/PROG is pulsed
low 25 times as shown in Figure 14.
To program the encryption table, repeat the 25 pulse programming
sequence for addresses 0 through 1FH, using the ‘Pgm Encryption
Table’ levels. Do not forget that after the encryption table is
programmed, verification cycles will produce only encrypted data.
To program the security bits, repeat the 25 pulse programming
sequence using the ‘Pgm Security Bit’ levels. After one security bit is
programmed, further programming of the code memory and
encryption table is disabled. However, the other security bit can still
be programmed.
Note that the EA/VPP pin must not be allowed to go above the
maximum specified VPP level for any amount of time. Even a narrow
glitch above that voltage can cause permanent damage to the
device. The VPP source should be well regulated and free of glitches
and overshoot.
Program Verification
If security bit 2 has not been programmed, the on-chip program
memory can be read out for program verification. The address of the
program memory locations to be read is applied to ports 1 and 2 as
shown in Figure 15. The other pins are held at the ‘Verify Code Data’
levels indicated in Table 3. The contents of the address location will
be emitted on port 0. External pull-ups are required on port 0 for this
operation.
If the encryption table has been programmed, the data presented at
port 0 will be the exclusive NOR of the program byte with one of the
encryption bytes. The user will have to know the encryption table
contents in order to correctly decode the verification data. The
encryption table itself cannot be read out.
Reading the Signature Bytes
The signature bytes are read by the same procedure as a normal
verification of locations 030H and 031H, except that P3.6 and P3.7
need to be pulled to a logic low. The values are:
(030H) = 15H indicates manufactured by Philips
(031H) = 92H indicates 87C51
Program/Verify Algorithms
Any algorithm in agreement with the conditions listed in Table 3, and
which satisfies the timing specifications, is suitable.
Erasure Characteristics
Erasure of the EPROM begins to occur when the chip is exposed to
light with wavelengths shorter than approximately 4,000 angstroms.
Since sunlight and fluorescent lighting have wavelengths in this
range, exposure to these light sources over an extended time (about
1 week in sunlight, or 3 years in room level fluorescent lighting)
could cause inadvertent erasure. For this and secondary effects,
it is recommended that an opaque label be placed over the
window. For elevated temperature or environments where solvents
are being used, apply Kapton tape Fluorglas part number 2345–5, or
equivalent.
The recommended erasure procedure is exposure to ultraviolet light
(at 2537 angstroms) to an integrated dose of at least 15W-sec/cm2.
Exposing the EPROM to an ultraviolet lamp of 12,000
µW/cm2 rating
for 20 to 39 minutes, at a distance of about 1 inch, should be
sufficient.
Erasure leaves the array in an all 1s state.
Table 3. EPROM Programming Modes
MODE
RST
PSEN
ALE/PROG
EA/VPP
P2.7
P2.6
P3.7
P3.6
Read signature
1
0
1
1
0
0
0
0
Program code data
1
0
0*
VPP
1
0
1
1
Verify code data
1
0
1
1
0
0
1
1
Pgm encryption table
1
0
0*
VPP
1
0
1
0
Pgm security bit 1
1
0
0*
VPP
1
1
1
1
Pgm security bit 2
1
0
0*
VPP
1
1
0
0
NOTES:
1. ‘0’ = Valid low for that pin, ‘1’ = valid high for that pin.
2. VPP = 12.75V +0.25V.
3. VCC = 5V±10% during programming and verification.
4. *ALE/PROG receives 25 programming pulses while VPP is held at 12.75V. Each programming pulse is low for 100µs (±10µs) and high for a
minimum of 10
µs.
™Trademark phrase of Intel Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com