Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS843156I Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS843156I
Description  Crystal-to-LVPECL Clock Synthesizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843156I Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS843156I Datasheet HTML 10Page - Renesas Technology Corp ICS843156I Datasheet HTML 11Page - Renesas Technology Corp ICS843156I Datasheet HTML 12Page - Renesas Technology Corp ICS843156I Datasheet HTML 13Page - Renesas Technology Corp ICS843156I Datasheet HTML 14Page - Renesas Technology Corp ICS843156I Datasheet HTML 15Page - Renesas Technology Corp ICS843156I Datasheet HTML 16Page - Renesas Technology Corp ICS843156I Datasheet HTML 17Page - Renesas Technology Corp ICS843156I Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
ICS843156AKI REVISION B NOVEMBER 28, 2012
14
©2012 Integrated Device Technology, Inc.
ICS843156I Data Sheet
CRYSTAL-TO-LVPECL CLOCK SYNTHESIZER
Power Considerations
This section provides information on power dissipation and junction temperature for the ICS843156I.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the ICS843156I is the sum of the core power plus the power dissipation in the load(s).
The following is the power dissipation for VCCO = 3.3V + 5% = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipation in the load.
•
Power (core)MAX = VCCO_MAX * IEE_MAX = 3.465V * 179mA = 620.235mW
•
Power (outputs)MAX = 30mW/Loaded Output pair
If all outputs are loaded, the total power is 10 * 30mW = 300mW
Total Power_MAX (3.3V, with all outputs switching) = 620.235mW + 300mW = 920.235mW
2. Junction Temperature.
unction temperature, Tj, is the temperature at the junction of the bond wire and bond pad directly affects the reliability of the device. The
maximum recommended junction temperature is 125°C. Limiting the internal transistor junction temperature, Tj, to 125°C ensures that the bond
wire and bond pad temperature remains below 125°C.
The equation for Tj is as follows: Tj =
JA * Pd_total + TA
Tj = Junction Temperature
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
JA must be used. Assuming no air flow and
a multi-layer board, the appropriate value is 37°C/W per Table 7 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.920W * 37°C/W = 119.6°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type of
board (multi-layer).
Table 7. Thermal Resistance JA for 32 Lead VFQFN, Forced Convection
JA by Velocity
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
37.0°C/W
32.4°C/W
29.0°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com