Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS8432-51 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS8432-51
Description  700MHZ, CYRSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8432-51 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS8432-51 Datasheet HTML 10Page - Renesas Technology Corp ICS8432-51 Datasheet HTML 11Page - Renesas Technology Corp ICS8432-51 Datasheet HTML 12Page - Renesas Technology Corp ICS8432-51 Datasheet HTML 13Page - Renesas Technology Corp ICS8432-51 Datasheet HTML 14Page - Renesas Technology Corp ICS8432-51 Datasheet HTML 15Page - Renesas Technology Corp ICS8432-51 Datasheet HTML 16Page - Renesas Technology Corp ICS8432-51 Datasheet HTML 17Page - Renesas Technology Corp ICS8432-51 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
IDT™ / ICS™ 3.3V LVPECL FREQUENCY SYNTHESIZER
14
ICS8432CY-51 REVISION F NOVEMBER 13, 2012
ICS8432-51
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS8432-51.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the ICS8432-51 is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for V
CC
= 3.3V + 5% = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
•
Power (core)
MAX
= V
CC_MAX
* I
EE_MAX
= 3.465V * 135mA = 467.8mW
•
Power (outputs)
MAX
= 30mW/Loaded Output pair
If all outputs are loaded, the total power is 2 * 30mW = 60mW
Total Power
_MAX
(3.465V, with all outputs switching) = 467.8mW + 60mW = 527.8mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the
device. The maximum recommended junction temperature for devices is 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
T
A = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming a
moderate air flow of 200 linear feet per minute and a multi-layer board, the appropriate value is 42.1°C/W per Table 10A below.
Therefore, Tj for an ambient temperature of 70°C with all outputs switching is:
70°C + 0.528W * 42.1°C/W = 92.2°C. This is well below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow,
and the type of board (single layer or multi-layer).
θθθθθ
JA
by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
67.8°C/W
55.9°C/W
50.1°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
47.9°C/W
42.1°C/W
39.4°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
TABLE 10A. THERMAL RESISTANCE
θθθθθ
JA
FOR
32-PIN LQFP, FORCED CONVECTION
θθθθθ
JA
by Velocity (Linear Feet per Minute)
TABLE 10B. THERMAL RESISTANCE
θθθθθ
JA
FOR
32-PIN VFQFN, FORCED CONVECTION
0
Multi-Layer PCB, JEDEC Standard Test Boards
34.8°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com