Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2N7002AX Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 2N7002AX
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2N7002AX Datasheet(HTML) 3 Page - Diodes Incorporated

  2N7002AX Datasheet HTML 1Page - Diodes Incorporated 2N7002AX Datasheet HTML 2Page - Diodes Incorporated 2N7002AX Datasheet HTML 3Page - Diodes Incorporated 2N7002AX Datasheet HTML 4Page - Diodes Incorporated 2N7002AX Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2N7002AX
Document number: DS36549 Rev. 3 - 3
3 of 5
www.diodes.com
January 2015
© Diodes Incorporated
2N7002AX
V , DRAIN-SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristics
DS
0.0
0.1
0.2
0.3
0.4
0.5
0.6
012
345
V= 2.5V
GS
V= 3V
GS
V= 3.5V
GS
V= 10V
GS
V= 3.5V
GS
V= 4V
GS
V= 5V
GS
V , GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
0
0.1
0.2
0.3
0.4
0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V
= 5.0V
DS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
I , DRAIN-SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
0
0.5
1
1.5
2
2.5
3
V= 5V
GS
V
= 10V
GS
3.5
4
4.5
5
0
0.1
0.2
0.3
0.4
0.5
0.6
I , DRAIN CURRENT (A)
D
Figure 4 Typical On-Resistance vs.
Drain Current and Temperature
0
1
2
3
4
5
6
7
8
9
10
0
0.1
0.2
0.3
0.4
0.5
0.6
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 4.5V
GS
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 5 On-Resistance Variation with Temperature
J
°
0
0.5
1
1.5
2
2.5
V= 5V
I = 115mA
GS
D
V=
V
I = 115mA
GS
D
10
-50 -25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 6 On-Resistance Variation with Temperature
J
°
0
1
2
3
4
5
6
7
8
V= 5V
I = 115mA
GS
D
V=
V
I= 115mA
GS
D
10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com