Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IPM6220 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # IPM6220
Description  Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IPM6220 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button IPM6220 Datasheet HTML 6Page - Renesas Technology Corp IPM6220 Datasheet HTML 7Page - Renesas Technology Corp IPM6220 Datasheet HTML 8Page - Renesas Technology Corp IPM6220 Datasheet HTML 9Page - Renesas Technology Corp IPM6220 Datasheet HTML 10Page - Renesas Technology Corp IPM6220 Datasheet HTML 11Page - Renesas Technology Corp IPM6220 Datasheet HTML 12Page - Renesas Technology Corp IPM6220 Datasheet HTML 13Page - Renesas Technology Corp IPM6220 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
IPM6220
FN4903 Rev.1.00
Page 13 of 14
Dec 2000
copper filled polygons on the top and bottom circuit layers for the
phase nodes, but do not unnecessarily oversize these particular
islands. Since the phase nodes are subjected to very high dV/dt
voltages, the stray capacitor formed between these islands and
the surrounding circuitry will tend to couple switching noise. Use
the remaining printed circuit layers for small signal wiring. The
wiring traces from the control IC to the MOSFET gate and
source should be sized to carry 2A peak currents.
Small Components Signal Layout Considerations
4. The VSNS1 and VSNS2 inputs should be bypassed with a
1.0
F capacitor close to their respective IC pins.
5. A ‘T’ filter consisting of a ‘split’ RSNS and a small, 100pF,
capacitor as shown in Figure 10, may be helpful in reducing
noise coupling into the ISEN input. For example, if the
calculated value of RSNS1 is 2.2k
, dividing it as shown
with a 100pF capacitor provides filtering without changing
the current limit set point. For any calculated value of
RSNS, keep the value of the R9 portion to approximately
200
, and the remainder of the resistance in the R19
position. The 200
 resistor and 100pF capacitor provide
effective filtering for noise above 8MHz.
This filter configuration may be helpful on both the 3.3V and 5V
Main outputs.
6. The bypass capacitors for VBATT and the soft-start
capacitors, CSS1 and CSS2 should be located close to their
connecting pins on the control IC. Minimize any leakage
current paths from SDWN1 and SDWN2 nodes, since the
internal current source is only 5
A.
7. Refer to the Application Note AN9915 for a recommended
component placement and interconnections.
Figure 11 shows an application circuit of a power supply for a
notebook PC microprocessor system. The power supply provides
+5V ALWAYS, +3.3V ALWAYS, +5.0V, +3.3V, and 12V from +5.6-
22VDC battery voltage. For detailed information on the circuit,
including a Bill of Materials and circuit board description, see
Application Note AN9915. Also see Intersil’s web site
(www.intersil.com) for the latest information.
ISEN1
R19
R9
200
2K
C12
100pF
FROM PHASE
NODE
RSNS = R19 + R9
FIGURE 10. NOISE FILTER FOR ISEN1 INPUT
SDWNALL
GND
+5.6-22VIN
PGND1
LGATE1
UGATE1
ISEN1
PHASE1
Q3
Q5
+3.3V
VSEN2
UGATE2
PHASE2
Q2
C1
IPM6220
L2
+
+
+
C4
C3, 6, 10
R9, 19
+5V
100
F
C22
330
F
L1
HUF76112SK8
56
F
3x1
F
HUF76112SK8
2x330
F
2.2K
8.2
H
8.2
H
GND
(5A)
4
5
10
2
6
1
21
23
22
20
19
17
13
14
C9
0.15
F
BOOT1
PGND2
LGATE2
Q4
HUF76112SK8
7
8
ISEN2
R10, 11
2.2K
9
C7
0.15
F
BOOT2
VBATT
+3.3V ALWAYS
3.3V ALWAYS
5V ALWAYS
11
SDWN2
C21, 32
D2
D1
24
3
HUF76112SK8
BAT54WT1
(5A)
(50mA)
+5V ALWAYS
(50mA)
C2
+
10
F
0.022
F
12
PGOOD
18
SDWN1
0.022
F
C17
16
L4
2.7
H
C16
Q5
+
15
VSEN3
GATE3
VSEN1
HUF76112SK8
C24, 33
2x47
F
D3
R14
97.6K
24.9K
R13
BAT54WT1
+
L3
6.8
H
22
F
C36
FIGURE 11. APPLICATIONS CIRCUIT
+12V
(120mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com