Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M66291GP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M66291GP
Description  ASSP (USB2.0 Device Controller)
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66291GP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M66291GP Datasheet HTML 17Page - Renesas Technology Corp M66291GP Datasheet HTML 18Page - Renesas Technology Corp M66291GP Datasheet HTML 19Page - Renesas Technology Corp M66291GP Datasheet HTML 20Page - Renesas Technology Corp M66291GP Datasheet HTML 21Page - Renesas Technology Corp M66291GP Datasheet HTML 22Page - Renesas Technology Corp M66291GP Datasheet HTML 23Page - Renesas Technology Corp M66291GP Datasheet HTML 24Page - Renesas Technology Corp M66291GP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 128 page
background image
M66291GP/HP
Rev 1.01 2004.11.01 page 19 of 122
2.7 Polarity Set Register
Polarity Set Register (POLARITY_CNT)
<Address : H’0E>
b15
14
13
12
11
10
9876
54321
b0
VB01
RM01
SF01
DS01
CT01
BE01
NR01
RD01
RDYM
INTL
INTA
0000
0000
0
0
0
0
0000
0000
0000
0
0
0
0
0000
----
----
-
-
-
-
-
---
<H/W reset : H'0000>
<S/W reset : H’0000>
<USB bus reset : ->
b
Bit name
Function
R
W
15
VB01
Vbus Interrupt Assign
0 :
Assigns to INT0 pin
1 :
Assigns to INT1 pin (Note)
14
RM01
Resume Interrupt Assign
0 :
Assigns to INT0 pin
1 :
Assigns to INT1 pin (Note)
13
SF01
SOF Detect Interrupt Assign
0 :
Assigns to INT0 pin
1 :
Assigns to INT1 pin (Note)
12
DS01
Device State Transition Interrupt Assign
0 :
Assigns to INT0 pin
1 :
Assigns to INT1 pin (Note)
11
CT01
Control Transfer Transition Interrupt Assign
0 :
Assigns to INT0 pin
1 :
Assigns to INT1 pin (Note)
10
BE01
Buffer Empty/Size Over Error Interrupt Assign
0 :
Assigns to INT0 pin
1 :
Assigns to INT1 pin (Note)
9
NR01
Buffer Not Ready Interrupt Assign
0 :
Assigns to INT0 pin
1 :
Assigns to INT1 pin (Note)
8
RD01
Buffer Ready Interrupt Assign
0 :
Assigns to INT0 pin
1 :
Assigns to INT1 pin (Note)
7~3
Reserved. Set it to “0”.
00
2RDYM
Buffer Ready Mode
0 :
Clears the EPB_RDY bits by reading/writing all data of
buffer
1 :
Clears the EPB_RDY bits by writing "0" to EPB_RDY bit
1INTL
Interrupt Output Sense
0 :
Edge sensitive output
1 :
Level sensitive output
0INTA
Interrupt Polarity
0 :
"L" active or change from “H” to “L”
1 :
"H" active or change from "L" to "H"
Note : In order to allocate the interrupt output signal to the INT1/SOF pin, set the SOF signal output to “disable” (SOFOE bit =
“0”).
(1) VB01 (Vbus Interrupt Assign) Bit (b15)
This bit selects the pin to output the Vbus interrupt signal.
(2) RM01 (Resume Interrupt Assign) Bit (b14)
This bit selects the pin to output the resume interrupt signal.
(3) SF01 (SOF Detect Interrupt Assign) Bit (b13)
This bit selects the pin to output the SOF detect interrupt signal.
(4) DS01 (Device State Transition Interrupt Assign) Bit (b12)
This bit selects the pin to output device state transition interrupt signal.
(5) CT01 (Control Transfer Transition Interrupt Assign) Bit (b11)
This bit selects the pin to output the control transfer transition interrupt signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com