Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC9315 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # MPC9315
Description  2.5V and 3.3V CMOS PLL Clock Generator and Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9315 Datasheet(HTML) 2 Page - Renesas Technology Corp

  MPC9315 Datasheet HTML 1Page - Renesas Technology Corp MPC9315 Datasheet HTML 2Page - Renesas Technology Corp MPC9315 Datasheet HTML 3Page - Renesas Technology Corp MPC9315 Datasheet HTML 4Page - Renesas Technology Corp MPC9315 Datasheet HTML 5Page - Renesas Technology Corp MPC9315 Datasheet HTML 6Page - Renesas Technology Corp MPC9315 Datasheet HTML 7Page - Renesas Technology Corp MPC9315 Datasheet HTML 8Page - Renesas Technology Corp MPC9315 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
© Integrated Device Technology, Inc.
Revision 6, October 4, 2016
OBSOLETE
MPC9315 Datasheet
Figure 1. MPC9315 Logic Diagram
Figure 2. Pinout: 32-Lead Package Pinout (Top View)
PLL
(Pulldown)
FB_SEL
QA0
QA1
REF_SEL
CLK0
0
1
CLK1
Ref
FB
75 – 160 MHz
CLK
QC1
QB0
0
1
0
1
FSELA
FSELC
VCCA
VCC
6
(Pulldown)
(Pulldown)
FB0
0
1
FB1
(Pulldown)
(Pulldown)
(Pulldown)
(Pulldown)
QB2
QB3
QC0
QB1
FSELB
(Pulldown)
(Pullup)
(Pullup)
GND
6
0
1
PSELA
(Pulldown)
0
1
OE
Bank B
Bank A
Bank C
CLK
2
CLK
4
GND
QA1
QA0
VCC
FSELC
FSELB
FSELA
VCC
QC0
QC1
GND
VCC
PSELA
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12
3
4
5
6
78
24
23
22
21
20
19
18
17
16
MPC9315
GND
FBSEL
OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com