Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC9351 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # MPC9351
Description  Low Voltage PLL Clock Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9351 Datasheet(HTML) 4 Page - Renesas Technology Corp

  MPC9351 Datasheet HTML 1Page - Renesas Technology Corp MPC9351 Datasheet HTML 2Page - Renesas Technology Corp MPC9351 Datasheet HTML 3Page - Renesas Technology Corp MPC9351 Datasheet HTML 4Page - Renesas Technology Corp MPC9351 Datasheet HTML 5Page - Renesas Technology Corp MPC9351 Datasheet HTML 6Page - Renesas Technology Corp MPC9351 Datasheet HTML 7Page - Renesas Technology Corp MPC9351 Datasheet HTML 8Page - Renesas Technology Corp MPC9351 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
LOW VOLTAGE PLL CLOCK DRIVER
4
REVISION 7 3/14/16
MPC9351 DATA SHEET
Table 4. General Specifications
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VTT
Output Termination Voltage
VCC 2
V
MM
ESD (Machine Model)
200
V
HBM
ESD (Human Body Model)
2000
V
LU
Latch-Up
200
mA
CPD
Power Dissipation Capacitance
10
pF
Per output
CIN
Input Capacitance
4.0
pF
Inputs
Table 5. DC Characteristics (VCC = 3.3 V  5%, TA = -40° to 85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input High Voltage
2.0
VCC + 0.3
V
LVCMOS
VIL
Input Low Voltage
0.8
V
LVCMOS
VPP
Peak-to-Peak Input Voltage PCLK, PCLK
250
mV
LVPECL
VCMR
(1)
1. VCMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR range
and the input swing lies within the VPP (DC) specification.
Common Mode Range
PCLK, PCLK
1.0
VCC – 0.6
V
LVPECL
VOH
Output High Voltage
2.4
V
IOH = –24 mA
(2)
2. The MPC9351 is capable of driving 50
 transmission lines on the incident edge. Each output drives one 50  parallel terminated
transmission line to a termination voltage of VTT. Alternatively, the device drives up to two 50  series terminated transmission lines.
VOL
Output Low Voltage
0.55
0.30
V
V
IOL = 24 mA
IOL = 12 mA
ZOUT
Output Impedance
14 –17
IIN
Input Leakage Current
200
A
VIN = VCC or GND
ICCA
Maximum PLL Supply Current
3.0
5.0
mA
VCCA Pin
ICCQ
Maximum Quiescent Supply Current
1.0
mA
All VCC Pins
Table 6. AC Characteristics (VCC = 3.3 V  5%, TA = -40° to 85°C)
(1)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fref
Input Frequency
 2 feedback
 4 feedback
 8 feedback
Static test mode
100
50
25
0
200
100
50
300
MHz
MHz
MHz
MHz
PLL_EN = 1
PLL_EN = 1
PLL_EN = 1
PLL_EN = 0
fVCO
VCO Frequency
200
400
MHz
fMAX
Maximum Output Frequency
 2 output
 4 output
 8 output
100
50
25
200
100
50
MHz
MHz
MHz
frefDC
Reference Input Duty Cycle
25
75
%
VPP
Peak-to-Peak Input Voltage PCLK, PCLK
500
1000
mV
LVPECL
VCMR
(2)
Common Mode Range
PCLK, PCLK
1.2
VCC – 0.9
V
LVPECL
tr, tf
TCLK Input Rise/Fall Time
1.0
ns
0.8 to 2.0V
t()
Propagation Delay (static phase offset)
TCLK to EXT_FB
PCLK to EXT_FB
–50
+25
+150
+325
ps
ps
PLL locked
PLL locked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com