Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GE17042CCA3 Datasheet(PDF) 1 Page - General Electric Company

Part # GE17042CCA3
Description  1700V Half-Bridge Silicon Carbide Power Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company

GE17042CCA3 Datasheet(HTML) 1 Page - General Electric Company

  GE17042CCA3 Datasheet HTML 1Page - General Electric Company GE17042CCA3 Datasheet HTML 2Page - General Electric Company GE17042CCA3 Datasheet HTML 3Page - General Electric Company GE17042CCA3 Datasheet HTML 4Page - General Electric Company GE17042CCA3 Datasheet HTML 5Page - General Electric Company GE17042CCA3 Datasheet HTML 6Page - General Electric Company GE17042CCA3 Datasheet HTML 7Page - General Electric Company GE17042CCA3 Datasheet HTML 8Page - General Electric Company GE17042CCA3 Datasheet HTML 9Page - General Electric Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1700V Half-Bridge Silicon Carbide
Power Module
GE17042CCA3
VDS: 1700 V IDS: 425 A
Superior performance for high power,
high frequency applications needing
best-in-class power density
Features
• Highly reliable GE SiC MOSFET devices
• Low RDS(ON)(3.75 mΩ) (device only)
• Low stray inductance (6 nH)
• Ultra-low switching losses over entire
operating range
GE Aviation
MOSFET DC Characteristics @ TJ = 25˚C (unless otherwise specified)
Symbols
Parameters
Min.
Typ.
Max.
Unit
Test Conditions
Notes
IDS
Continuous Drain Current
425
A
VGS = 20 V, Tc = 25˚C
Per Switch
300
VGS = 20 V, Tc = 100˚C
245
VGS = 20 V, Tc = 125˚C
IDS,pulse
Pulsed Drain Current
850
A
Tc = 25˚C, tp = 1 ms
VDSmax
Drain - Source Breakdown
Voltage
1700
V
VGS = 0 V, IDS = 100 µA
VGSmax
Maximum Gate - Source
Voltage
-15/+23
V
VDS = 0 V
VGSop
Recommended Gate -
Source Voltage
-5/+20
V
TJmax
Junction Temperature
175
˚C
TC
Case Temperature Range
-55
150
˚C
TSTG
Storage Temperature Range
-55
150
˚C
PD
Power Dissipation
1250
W
Tc = 25˚C
• Body diode with minimal reverse
recovery
• Integrated temperature sensing
• Dedicated DESAT Pin and Source-
Kelvin Pin
• AlSiC Baseplate and Si3N4 AMB
Substrate


Similar Part No. - GE17042CCA3

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
GE17042BCA3 GEC-GE17042BCA3 Datasheet
710Kb / 9P
1700V Dual Silicon Carbide Power Module
Rev 1.1 -Public Release - January 18, 2022
More results

Similar Description - GE17042CCA3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CAS100H12AM1 CREE-CAS100H12AM1 Datasheet
740Kb / 7P
1200V, 100A Silicon Carbide Half-Bridge Module
logo
Molex Electronics Ltd.
CAS100H12AM1 MOLEX-CAS100H12AM1_13 Datasheet
859Kb / 11P
1200V, 100A Silicon Carbide Half-Bridge Module
logo
First Silicon Co., Ltd
F2CD10170P FS-F2CD10170P Datasheet
598Kb / 5P
1700V Silicon Carbide
2022.05.25 Revision No : 0
logo
General Electric Compan...
GE12047CCA3 GEC-GE12047CCA3 Datasheet
491Kb / 9P
1200V half bridge Silicon Carbide Power module
Rev. : 1, Public Release May 11, 2021
GE17042BCA3 GEC-GE17042BCA3 Datasheet
710Kb / 9P
1700V Dual Silicon Carbide Power Module
Rev 1.1 -Public Release - January 18, 2022
logo
WOLFSPEED, INC.
CAB008A12GM3 WOLFSPEED-CAB008A12GM3 Datasheet
2Mb / 12P
1200 V, 8 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 1, April 2023
CAB011M12FM3 WOLFSPEED-CAB011M12FM3 Datasheet
2Mb / 12P
1200 V, 11 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 3, May 2023
CAB320M17XM3 WOLFSPEED-CAB320M17XM3 Datasheet
2Mb / 12P
1700 V, 3.5 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 2, February 2023
CAS175M12BM3 WOLFSPEED-CAS175M12BM3 Datasheet
3Mb / 12P
1200 V, 175 A, Silicon Carbide, Half-Bridge Module
Rev. 0, JUNE 2022
CAS300M17BM2 WOLFSPEED-CAS300M17BM2 Datasheet
878Kb / 11P
1700 V, 8.0 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 3, February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com