Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B320AF Datasheet(PDF) 1 Page - Diodes Incorporated

Part # B320AF
Description  3.0A SCHOTTKY BARRIER RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B320AF Datasheet(HTML) 1 Page - Diodes Incorporated

  B320AF Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B320AF/B330AF
Document number: DS39623 Rev. 2 - 2
1 of 5
www.diodes.com
May 2017
© Diodes Incorporated
B320AF/B330AF
3.0A SCHOTTKY BARRIER RECTIFIER
Product Summary
B320AF/B330AF
Product
VRRM (V)
IO (A)
VF(MAX) (V)
@ +25°C
IR(MAX) (mA)
@ +25°C
B320AF
20
3
0.50
0.20
B330AF
30
3
0.50
0.20
Description and Applications
The Schottky providing low VF and excellent reverse leakage stability
at high temperatures, this device is ideal for use in general
rectification applications such as:
Boost Diodes
Blocking Diodes
Recirculating Diodes
Features and Benefits
Reduced Low Forward Voltage Drop (VF); Better Efficiency and
Cooler Operation
Reduced
High-temperature
Reverse
Leakage;
Increased
Reliability
against
Thermal
Runaway
Failure
in
High
Temperature Operation
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: SMAF
Case Material: M
olded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 0.036 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
B320AF-13
SMAF
10,000/Tape & Reel
B330AF-13
SMAF
10,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green" products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Green
B3XXAF = Product Type Marking Code, ex: B320AF
= Manufacturers’ Code Marking
YWW = Date Code Marking
Y = Last Digit of Year (ex: 7 for 2017)
WW = Week Code (01 to 53)
Top View
SMAF
YWW
B3XXAF


Similar Part No. - B320AF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B320A DIODES-B320A Datasheet
58Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13005 Rev. G-2
logo
Weitron Technology
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B320A DIODES-B320A Datasheet
484Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30891 Rev. 2 - 2
logo
Compact Technology Corp...
B320A CTC-B320A Datasheet
55Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
B320A DIODES-B320A Datasheet
147Kb / 4P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30891 Rev. 6 - 2
More results

Similar Description - B320AF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SB320 DIODES-SB320 Datasheet
147Kb / 2P
3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 4 - 2
SB320 DIODES-SB320_1 Datasheet
70Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 7 - 2
logo
TAITRON Components Inco...
TSR320 TAITRON-TSR320 Datasheet
261Kb / 4P
3.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB320 DIODES-SB320_10 Datasheet
78Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 9 - 2
SB370 DIODES-SB370_08 Datasheet
84Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
Rev. 3 - 2 July 2008
logo
Unisonic Technologies
SB360 UTC-SB360 Datasheet
113Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
SB3100 UTC-SB3100 Datasheet
102Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB370 DIODES-SB370_15 Datasheet
84Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
Rev erse
logo
Unisonic Technologies
SB340 UTC-SB340_15 Datasheet
129Kb / 4P
3.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B320BE DIODES-B320BE Datasheet
458Kb / 6P
3.0A SCHOTTKY BARRIER RECTIFIER
January 2020 Rev. 3 - 2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com