Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

X40430 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # X40430
Description  4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X40430 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button X40430 Datasheet HTML 17Page - Renesas Technology Corp X40430 Datasheet HTML 18Page - Renesas Technology Corp X40430 Datasheet HTML 19Page - Renesas Technology Corp X40430 Datasheet HTML 20Page - Renesas Technology Corp X40430 Datasheet HTML 21Page - Renesas Technology Corp X40430 Datasheet HTML 22Page - Renesas Technology Corp X40430 Datasheet HTML 23Page - Renesas Technology Corp X40430 Datasheet HTML 24Page - Renesas Technology Corp X40430 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
X40430, X40431, X40434, X40435
FN8251 Rev 1.00
Page 21 of 26
May 24, 2006
TIMING DIAGRAMS
Bus Timing
WP Pin Timing
Write Cycle Timing
Nonvolatile Write Cycle Timing
Note:
(1) tWC is the time from a valid stop condition at the end of a write sequence to the end of the self-timed internal nonvolatile write cycle. It is
the minimum cycle time to be allowed for any nonvolatile write by the user, unless Acknowledge Polling is used.
tSU:STO
tHIGH
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
SCL
SDA IN
SDA OUT
tF
tLOW
tBUF
tR
tDH
tAA
tHD:WP
SCL
SDA IN
WP
tSU:WP
Clk 1
Clk 9
Slave Address Byte
START
SCL
SDA
tWC
8th Bit of Last Byte
ACK
Stop
Condition
Start
Condition
Symbol
Parameter
Min
Typ
Max
Unit
tWC(1)
Write Cycle Time
5
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com