Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZLED7001 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ZLED7001
Description  Universal LED Driver with Temperature Compensation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7001 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ZLED7001 Datasheet HTML 1Page - Renesas Technology Corp ZLED7001 Datasheet HTML 2Page - Renesas Technology Corp ZLED7001 Datasheet HTML 3Page - Renesas Technology Corp ZLED7001 Datasheet HTML 4Page - Renesas Technology Corp ZLED7001 Datasheet HTML 5Page - Renesas Technology Corp ZLED7001 Datasheet HTML 6Page - Renesas Technology Corp ZLED7001 Datasheet HTML 7Page - Renesas Technology Corp ZLED7001 Datasheet HTML 8Page - Renesas Technology Corp ZLED7001 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ZLED7001 Datasheet
© 2016 Integrated Device Technology, Inc.
4
April 20, 2016
1
IC Characteristics
1.1.
Absolute Maximum Ratings
Table 1.1
Absolute Maximum Ratings
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.1.1
Input voltage
VIN
-0.3
8
V
1.1.2
Voltage to GND at pin CS,
LD, PWMD, GATE, TOFF,
VREF
VCS, VLD,
VPWMD,
VGATE, VTOFF,
VVREF
-0.3
6
V
1.1.3
Input current VIN pin
1
IVIN
1
10
mA
1.1.4
Junction temperature
Tj MAX
150
°C
1.1.5
Storage temperature
TST
-55
150
°C
1.2.
Operating Conditions
Table 1.2
Operating Conditions
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.2.1
Operating temperature
TOP
-40
+85
°C
1.2.2
Input DC supply voltage
VINDC
Resistor RIN required
between DC supply
voltage and VIN pin with
resistance determined by
equation (2) and with
proper voltage rating.
2
8
450
V
1.3.
Electrical Parameters
Production testing of the chip is performed at 25°C. Functional operation of the chip and specified parameters at
other temperatures are guaranteed by design, characterization, and process control.
Test conditions: VIN = 12V; Tamb = 25°C; RIN
=2kΩ; unless otherwise noted.
Table 1.3
Electrical Conditions
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.3.1
VIN clamp voltage
VINCL
Always higher than under
voltage lockout threshold
6.6
7.1
7.6
V
1.3.2
Operation current
IIN
VIN= 6V, GATE floating
0.33
0.5
0.64
mA
1.3.3
Under voltage lockout
threshold
VULO
VIN rising
6.1
6.5
6.8
V
1.3.4
Under voltage lockout
hysteresis
ΔVULO
VIN falling
500
mV
1.3.5
PWMD pin input low
voltage
VENL
1.2
V
1 Beyond the input current range, V
IN might not clamp at 7.1V
2 This parameter limit is guaranteed by design, characterization, and application check. See equation (2) on page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com