Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KMS Datasheet(PDF) 2 Page - ITT Industries

Part # KMS
Description  Microminiature Side Actuated Tact Switch for SMT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KMS Datasheet(HTML) 2 Page - ITT Industries

  KMS Datasheet HTML 1Page - ITT Industries KMS Datasheet HTML 2Page - ITT Industries KMS Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
B-9
B
SERIES
KMS Series
Microminiature Side Actuated Tact Switch for SMT
3,8
(.150)
4,12
(.162)
4,6
(.181)
2,5
(.098)
0,3
(.012)
0,1
2308
233A
ACTUATION FORCE
ACTUATOR
CONTACT MATERIAL
OPTION
CODE
MATERIAL
1
SILVER
3
GOLD
2 STANDARD
KMS
3 2.5 N (250 GRAMS)
5,0
(.197)
3,2
(.126)
1,7
(.067)
PAD LAYOUT
TERMINATION
G GULLWING
2,5
(.098)
1,1
(.043)
4,6
(.181)
First Angle
Projection
Each piece is date code printed:
1st Line: 2308 = Year 2002, 308 is day in the year
2nd Line: 233A = Manufacturing code.
KMS231G



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com