Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KSS341G Datasheet(PDF) 2 Page - ITT Industries

Part # KSS341G
Description  Subminiature Side Actuated Tact Switch for SMT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KSS341G Datasheet(HTML) 2 Page - ITT Industries

  KSS341G Datasheet HTML 1Page - ITT Industries KSS341G Datasheet HTML 2Page - ITT Industries KSS341G Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
B-18
B
3,1
(.122)
==
==
1,0
(.039)
0,55
(.022)
7,6
(.299)
1,7
(.067)
Common
1
2
3
PAD LAYOUT
3,1
(.122)
==
==
SERIES
3,5
(.138)
3,1
(.122)
1,65
(.065)
==
==
0,5
(.020)
0,3
(.012)
1,1
(.043)
4,4
(.173)
OPERATING FORCE
ACTUATOR
CONTACT MATERIAL
TERMINATION
OPTION
CODE
MATERIAL
1
SILVER
3
GOLD
2 STANDARD, 1,1 (0.043)
3 LARGE, 1,8 (0.070)
KSS
G GULLWING
W 3 WAY, 4 REDUNDANT CONTACTS
KSS Series
Subminiature Side Actuated Tact Switch for SMT
OPTION
CODE
OPERATING FORCE
2
2.0 N (200 grams)
3
2.5 N (250 grams)
4
4.0 N (400 grams)
7,6
(.299)
1,4
(.055)
PAD LAYOUT
4,4
(.173)
First Angle
Projection
Each piece is date code printed:
1st Line: 9308 = Year 1999, 308 day in the year
2nd Line: 221XA = Manufacturing code.
4,4
(.173)
KSS221G



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com