Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2CTA Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 2CTA
Description  Thin Film on Silicon 2CTA AC Terminator x 18
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2CTA Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  2CTA Datasheet HTML 1Page - Bourns Electronic Solutions 2CTA Datasheet HTML 2Page - Bourns Electronic Solutions 2CTA Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Thin Film on Silicon 2CTA AC Terminator x 18
Dispensing
For large quantities, the product will be dispensed in Tape and Reel (see diagram below).
No. of Pieces No. of Pieces
Package
A0
B0
K0
Width
Pitch
per 13 ” reel
per tube
QSOP
20 Pin
6.5 (0.256)
9.0 (0.354)
2.1 (0.083)
16 (0.630)
8 (0.315)
3,500
56
04/05
A0
B0
K0
DIMENSIONS = MM (INCHES)
How To Order
2 CTA-101/101 M-Q 20 R __
Product Class
Thin-Film-on-Silicon
Product Function
CTA = AC Terminator x 18
Resistance Value Code
1st two digits are significant,
3rd digit = number of zeros to follow
to give resistance value in ohms.
Capacitance Code
1st two digits are significant,
3rd digit = number of zeros to follow
to give capacitor value in pF.
Standard Grade
R Tol.
C Tol.
M = ±10 %
±20 %
Standard Package Style
Q =
QSOP
Pin Count
Q =
20
Dispensing
R = Reel
T = Tube
Terminations
LF = 100 % Sn (lead free)
Blank = Sn/Pb
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
Reliable Electronic Solutions



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com