Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2CFB Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2CFB
Description  Thin Film on Silicon 2CFB T-Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2CFB Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2CFB Datasheet HTML 1Page - Bourns Electronic Solutions 2CFB Datasheet HTML 2Page - Bourns Electronic Solutions 2CFB Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Thin Film on Silicon 2CFB T-Filter
Features
Lead free versions available
RoHS compliant (lead free version)*
8 T-filters with common ground
Stable thin-film-on-silicon technology
Ultra-miniature packages to
JEDEC standards
Applications
Bi-directional EMI/RFI filtering on bus
lines
High frequency applications
Ideal for space-constrained applications
General Information
T-Filters are typically used for Bi-Directional filtering of EMI
and RFI on high speed data lines connecting computer with
peripheral. These Silicon-based, Tantalum-Nitride resistors
and capacitors feature excellent stability, temperature
coefficients and tracking performance. This product series
conforms to JEDEC standards.
Package Schematic
20
14
13
12
11
19
18
17
16
15
17
8
9
10
23
4
5
6
Electrical Characteristics
Symbol
Minimum
Nominal
Maximum
Unit
Resistance Range
R
10
100
Resistor Tolerance
±10 %
Power Rating per Resistor @ 70 °C
0.1
Watt
Capacitor Range
C
15
250
pF
Capacitor Tolerance
±20 %
pF
Capacitor Breakdown Voltage
25
35
V
Operating Voltage
50
V
Environmental Characteristics
ESD
2 K
V
Operating Temperature
TJ
-55
+125
°C
Storage Temperature
Tstg
-65
+150
°C
Power Rating per Package @ 70 °C
1.0
Watt
Electrical & Environmental Characteristics
Filter Response
0
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
0.0001
0.001
0.01
Frequency - MHz
0.1
1
10
100
2CFB-250/201M-Q20T
2CFB-470/330M-Q20T
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex


Similar Part No. - 2CFB

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
2CF2325 CDIL-2CF2325 Datasheet
69Kb / 3P
PNP LOW VOLTAGE FAST SWITCHING POWER TRANSISTOR
logo
Bourns Electronic Solut...
2CFA BOURNS-2CFA Datasheet
235Kb / 3P
Thin Film on Silicon 2CFA Tapped RC Filter
2CFA-330/470M-Q20R BOURNS-2CFA-330/470M-Q20R Datasheet
235Kb / 3P
Thin Film on Silicon 2CFA Tapped RC Filter
2CFA-330/470M-Q20T BOURNS-2CFA-330/470M-Q20T Datasheet
235Kb / 3P
Thin Film on Silicon 2CFA Tapped RC Filter
logo
IDEAL-TEK SA
2CFR.SA.1 IDEAL-TEK-2CFR.SA.1 Datasheet
554Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 02.12.2022
More results

Similar Description - 2CFB

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2DTG BOURNS-2DTG Datasheet
439Kb / 3P
Thin Film On Silicon 2DTG Super Terminator/Filter with Integrated ESD Array
2DTF BOURNS-2DTF Datasheet
262Kb / 3P
Thin Film On Silicon 2DTF 1284 Terminator/Filter with Integrated ESD Array
2CTF BOURNS-2CTF Datasheet
126Kb / 3P
Thin Film on Silicon 2CTF AC Terminator x18
2CTA BOURNS-2CTA Datasheet
238Kb / 3P
Thin Film on Silicon 2CTA AC Terminator x 18
2CFA BOURNS-2CFA Datasheet
235Kb / 3P
Thin Film on Silicon 2CFA Tapped RC Filter
2QSP16-TJ1-472LF BOURNS-2QSP16-TJ1-472LF Datasheet
347Kb / 4P
Thin Film on Silicon 2QSP / 2NBS -XX1 Isolated Resistors
2QSP20-TJ3-221331LF BOURNS-2QSP20-TJ3-221331LF Datasheet
355Kb / 4P
Thin Film on Silicon 2QSP / 2NBS-XX3 Dual Terminator
2CTE-V01M-Q20R BOURNS-2CTE-V01M-Q20R Datasheet
243Kb / 3P
Thin Film on Silicon 2CTE IEEE 1284 Terminator
2CTA BOURNS-2CTA_07 Datasheet
239Kb / 3P
Thin Film on Silicon 2CTA AC Terminator x 18
2QSP16-TJ2-332LF BOURNS-2QSP16-TJ2-332LF Datasheet
348Kb / 4P
Thin Film on Silicon 2QSP / 2NBS-XX2 Bussed Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com