Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISL8210M Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL8210M
Description  10A High Efficiency Step-Down Power Module
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8210M Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL8210M Datasheet HTML 5Page - Renesas Technology Corp ISL8210M Datasheet HTML 6Page - Renesas Technology Corp ISL8210M Datasheet HTML 7Page - Renesas Technology Corp ISL8210M Datasheet HTML 8Page - Renesas Technology Corp ISL8210M Datasheet HTML 9Page - Renesas Technology Corp ISL8210M Datasheet HTML 10Page - Renesas Technology Corp ISL8210M Datasheet HTML 11Page - Renesas Technology Corp ISL8210M Datasheet HTML 12Page - Renesas Technology Corp ISL8210M Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
R16DS0013EU0101 Rev.1.01
Page 9 of 41
Feb 15, 2019
ISL8210M
2. Specifications
2.
Specifications
2.1
Absolute Maximum Ratings
2.2
Thermal Information
2.3
Recommended Operating Conditions
Parameter
Minimum
Maximum
Unit
VDD, PVCC, VSEN
-0.3
7
V
Module Input Voltage, VIN
-0.3
20
V
Module Input Voltage, VIN1
-0.3
20
V
7VLDO
-0.3
7.75
V
BOOT Voltage (VBOOT-GND)-0.3
30
V
BOOT to PHASE Voltage (VBOOT-PHASE) (DC)
-0.3
7
V
BOOT to PHASE Voltage (VBOOT-PHASE) (<10ns)
-0.3
9
V
PHASE Voltage
-0.3
25
V
PHASE Voltage (<20ns Pulse Width, 10µJ)
-9
25
V
All Other Pins
-0.3 to GND
VDD + 0.3
V
ESD Rating
Value
Unit
Human Body Model (Tested per JS-001-2017)
2
kV
Charged Device Model (Tested per JS-002-2014)
750
V
Machine Model (Tested per JESD22-A115C)
200
V
Latch-Up (Tested per JESD78E; Class 2, Level A)
100 at +125°C
mA
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions can
adversely impact product reliability and result in failures not covered by warranty.
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
83 Ld HDA Module (Notes 5, 6)16.8
5.6
Notes:
5.
JA is measured in free air with the module mounted on a 6-layer thermal test board 3x3 inches in size with significant coverage of
2oz Cu on all layers, with numerous vias.
6. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Parameter
Minimum
Maximum
Unit
Junction Temperature Range
-55
+150
°C
Storage Temperature Range
-65
+150
°C
Pb-Free Reflow Profile
See Figure 48 on page 38
Parameter
Minimum
Maximum
Unit
Junction Temperature Range
-40
+125
°C
Application Input Voltage, VIN, Figure 1
4.5
16.5
V
Output Voltage, VOUT, Figure 1
0.5
5
V
Output Current, IOUT, Figure 1
010
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com