Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISL70617SEHF/PROTO Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # ISL70617SEHF/PROTO
Description  36V Radiation Hardened Precision Instrumentation Amp with Rail-to-Rail Output Differential ADC Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70617SEHF/PROTO Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button ISL70617SEHF/PROTO Datasheet HTML 22Page - Renesas Technology Corp ISL70617SEHF/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL70617SEHF/PROTO Datasheet HTML 24Page - Renesas Technology Corp ISL70617SEHF/PROTO Datasheet HTML 25Page - Renesas Technology Corp ISL70617SEHF/PROTO Datasheet HTML 26Page - Renesas Technology Corp ISL70617SEHF/PROTO Datasheet HTML 27Page - Renesas Technology Corp ISL70617SEHF/PROTO Datasheet HTML 28Page - Renesas Technology Corp ISL70617SEHF/PROTO Datasheet HTML 29Page - Renesas Technology Corp ISL70617SEHF/PROTO Datasheet HTML 30Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
ISL70617SEH
FN8697 Rev 5.02
Page 27 of 29
Jul 8, 2022
TABLE 4. DIE LAYOUT X-Y COORDINATES
PAD NAME
PAD NUMBER
X
(µm)
Y
(µm)
BOND WIRES PER PAD
(Note 22)
NC
1
DNC
2
DNC
3
+RFB
4
1
1292
1
+RFB SENSE
5
1
1032
1
-RFB SENSE
6
1
738.5
1
-RFB
7
1
478.5
1
GND
8
0
0
1
VCC
9
0
-273
1
VCO
10
1
-918.5
1
+VFB
11
158.5
-1131.5
1
+VOUT
12
421.5
-1131.5
1
-VOUT
13
2012.5
1160.5
-VFB
14
2288.5
-1160.5
1
VEO
15
2479.5
-960.5
1
VEE
16
2479.5
-307.5
1
VCMO
17
2479.5
-31.5
-RIN
18
2479.5
246.5
1
-RIN SENSE
19
2479.5
530
1
+RIN SENSE
20
2479.5
790
1
+RIN
21
2479.5
1069
1
DNC
22
IN-
23
2235.5
1569.5
1
IN+
24
1975.5
1569.5
1
NOTES:
21. Origin of coordinates is the centroid of GND.
22. Bond wire size is 1.25 mil (Al).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com