Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISC-2425-25+ Datasheet(PDF) 10 Page - Mini-Circuits

Part # ISC-2425-25+
Description  ISM Signal Generator & Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ISC-2425-25+ Datasheet(HTML) 10 Page - Mini-Circuits

Back Button ISC-2425-25+ Datasheet HTML 3Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 4Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 5Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 6Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 7Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 8Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 9Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 10Page - Mini-Circuits ISC-2425-25+ Datasheet HTML 11Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
PAGE 10 OF 11
ISC-2425-25+
ISM Signal Generator & Controller
USB & I2C
50Ω -30 dBm to +25 dBm
2400 to 2500 MHz
SOFTWARE & DOCUMENTATION DOWNLOAD:
Full software support is provided, including a user-friendly GUI application, a comprehensive application programmer interface
(API) and programming instructions for both Windows and Linux environments. A Labview™ instrument driver is available as
well. The latest version of the full software package can be downloaded from www.minicircuits.com/softwaredownload/RF-
Energy-software_download.html at any time.
MINIMUM SYSTEM REQUIREMENTS
Parameter
Requirements
System requirements
GUI Windows:
Windows 7 or newer.
GUI Linux:
Raspberry Pi 3 hardware; USB, Ethernet (for GUI’s remote command mode); operating system:
Raspbian Stretchd or newer.
Operating system ≥ Debian 9 or similar
GRAPHICAL USER INTERFACE (GUI) KEY FEATURES:
y Set frequency
y Set power
y Configure generator state at power-up
y Track real time optimum S11 frequency (ALL – analog or Digital
Locked Loop -DLL routine)
y CW & Pulse width modulation signals
y Forward and reflected power tracking real time
y Control of signal gen and controller
APPLICATION PROGRAMMING INTERFACE (API) SUPPORT:
y Application programmer’s interface (API) implemented through plain-text command language
Parameter
Ratings
Operating Temperature
+10ºC to +40ºC
Storage Temperature
-20ºC to +60ºC
Maximum Supply Voltage
6.0V
Voltage input to digital IOs
-0.2VDC ≤ V ≤ +3.5VDC
External M-LVDS reference clock signal
-1.4V ≤ V ≤ 3.8Vpp
ABSOLUTE MAXIMUM RATINGS
Permanent damage may occur if any of these limits are exceeded. Operating in the range between operating power
limits and absolute maximum ratings for extended periods of time may result in reduced life and reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com