Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAS16J Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BAS16J
Description  High-speed switching diodes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16J Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAS16J Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
© Nexperia B.V. 2017. All rights reserved
BAS16_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 6 — 24 September 2014
2 of 21
Nexperia
BAS16 series
High-speed switching diodes
1.4 Quick reference data
2.
Pinning information
[1]
The marking bar indicates the cathode.
Table 2.
Quick reference data
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VR
reverse voltage
-
-
100
V
IR
reverse current
VR =80V
-
-
0.5
A
trr
reverse recovery
time
IF =10mA; IR =10mA;
RL = 100 ; IR(meas) =1 mA
--
4
ns
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
BAS16; BAS16T; BAS16W
1
anode
2
not connected
3
cathode
BAS16H; BAS16J; BAS316; BAS516
1
cathode
[1]
2
anode
BAS16L
1
cathode
[1]
2
anode
BAS16VV; BAS16VY
1
anode (diode 1)
2
anode (diode 2)
3
anode (diode 3)
4
cathode (diode 3)
5
cathode (diode 2)
6
cathode (diode 1)
006aaa144
12
3
006aaa764
3
12
001aab540
12
006aab040
2
1
2
1
Transparent
top view
006aab040
2
1
001aab555
6
4
5
1
3
2
006aab106
13
6
2
54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com