Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NL1000 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # NL1000
Description  TRANSCEIVER MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NL1000 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button NL1000 Datasheet HTML 2Page - Renesas Technology Corp NL1000 Datasheet HTML 3Page - Renesas Technology Corp NL1000 Datasheet HTML 4Page - Renesas Technology Corp NL1000 Datasheet HTML 5Page - Renesas Technology Corp NL1000 Datasheet HTML 6Page - Renesas Technology Corp NL1000 Datasheet HTML 7Page - Renesas Technology Corp NL1000 Datasheet HTML 8Page - Renesas Technology Corp NL1000 Datasheet HTML 9Page - Renesas Technology Corp NL1000 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Preliminary Data Sheet P12701EJ3V0DS00
6
NL1000
RECOMMENDED SOLDERING CONDITIONS
(1) Soldering by soldering iron
• Temperature
260 °C or below
• Time
10 seconds or less
(2) Infrared reflow soldering
• Peak reflow temperature
235 °C (package surface temperature)
• Time of temperature higher than 210 °C
30 seconds or less
• Number of reflows
Three
60 to 90 s
(preheating)
210 ˚C
120 to 160 ˚C
Time (s)
(heating)
to 10 s
to 30 s
235 ˚C (peak temperature)
Recommended Temperature Profile of Infrared Reflow



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com