Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NL1020 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # NL1020
Description  TRANSCEIVER MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NL1020 Datasheet(HTML) 4 Page - Renesas Technology Corp

  NL1020 Datasheet HTML 1Page - Renesas Technology Corp NL1020 Datasheet HTML 2Page - Renesas Technology Corp NL1020 Datasheet HTML 3Page - Renesas Technology Corp NL1020 Datasheet HTML 4Page - Renesas Technology Corp NL1020 Datasheet HTML 5Page - Renesas Technology Corp NL1020 Datasheet HTML 6Page - Renesas Technology Corp NL1020 Datasheet HTML 7Page - Renesas Technology Corp NL1020 Datasheet HTML 8Page - Renesas Technology Corp NL1020 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Preliminary Data Sheet P13874EJ2V0DS00
2
NL1020
ABSOLUTE MAXIMUM RATINGS (TA = 25
°°°°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Supply Voltage
VDD
−0.5 to +6.0
V
Data Input Voltage
VTXD
−0.5 to VDD+0.5
V
Shut Down Input Voltage
VSD
−0.5 to VDD+0.5
V
Data Output Voltage
VRXD
−0.5 to VDD+0.5
V
LED Current (DC)
IDC
20
mA
Peak LED Current
IFP
200
mA
Repetitive Pulse LED Current
IRP
100
mA
Operating Ambient Temperature
TA
−25 to +85
°C
Storage Temperature
Tstg
−40 to +100
°C
Soldering Temperature (10 s)
Tsld
260
°C
RECOMMENDED OPERATING CONDITIONS (TA = 25
°°°°C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage
VDD
2.7
3.0
3.6
V
Data Input Voltage (High)
VIH
2.4
VDD
V
Data Input Voltage (Low)
VIL
00.8
V
Shut Down Input Voltage (High)
VSDH
2.4
VDD
V
Shut Down Input Voltage (Low)
VSDL
00.8
V
Input Irradiance Intensity (High)
EIH
0.0081
500
mW/cm
2
Input Irradiance Intensity (Low)
EIL
0.3
µW/cm2
Pulse LED Current
ILED
20
50
mA
Receiver Latency Time
50
µs
Data Rate
2.4 k
115.2 k
bps



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com