Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GRF5607 Datasheet(PDF) 6 Page - Guerrilla RF, Inc.

Part # GRF5607
Description  HIGH LINEARITY POWER AMPLIFIER 703 to 748 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.

GRF5607 Datasheet(HTML) 6 Page - Guerrilla RF, Inc.

Back Button GRF5607 Datasheet HTML 2Page - Guerrilla RF, Inc. GRF5607 Datasheet HTML 3Page - Guerrilla RF, Inc. GRF5607 Datasheet HTML 4Page - Guerrilla RF, Inc. GRF5607 Datasheet HTML 5Page - Guerrilla RF, Inc. GRF5607 Datasheet HTML 6Page - Guerrilla RF, Inc. GRF5607 Datasheet HTML 7Page - Guerrilla RF, Inc. GRF5607 Datasheet HTML 8Page - Guerrilla RF, Inc. GRF5607 Datasheet HTML 9Page - Guerrilla RF, Inc. GRF5607 Datasheet HTML 10Page - Guerrilla RF, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
GRF5607 High Linearity Power Amplifier 703 to 748 MHz
PRELIMINARY DATA SHEET
Guerrilla RF Proprietary Information. • ©2022 Guerrilla RF, Inc. • All rights reserved. • September 19, 2022
6
www.guerrilla-rf.com • (336) 510-7840 • sales@guerrilla-rf.com • 1196 Pleasant Ridge Road, Suite 5, Greensboro, NC 27409
Nominal Operating Parameters – General
The following conditions apply unless noted otherwise: Typical Application Schematic using the 703 to 748 MHz tuning set, M5 = 2500 Ω, M9 = 4550 Ω,
VSHDN = LOW, VCC = 5 V, ICCQ = 210 mA, 50 Ω system impedance, POUT = +25 dBm, FTEST = 725 MHz, TPKG HEAT SINK = 25 °C. MIN/MAX specifications listed
in italics are guaranteed via production test screening. All other parameters are guaranteed by design and characterization. Evaluation board losses are
included within the specifications.
Parameter
Symbol
Specification
Unit
Condition
Min.
Typ.
Max.
Supply Quiescent Current
ICCQ
210
mA
ICCQ1 + ICCQ2. No RF Applied
Supply Current with RF Applied
ICC
TBD
mA
ICC1 + ICC2. RF Applied with POUT = 25dBm.
Enable Current 1
IENABLE1
1.9
mA
VCC = 5V, T PKG HEAT SINK = 25 °C
Enable Current 2
IENABLE2
1.4
mA
VCC = 5V, T PKG HEAT SINK = 25 °C
Operating Temperature Range
TPKG HEAT SINK
-40
+85
°C
Measured on Package Heat Sink
Logic Input Low
VIL
0
0.9
V
Applies to VSHDN Input
Logic Input High
VIH
1.7
VCC
V
Applies to VSHDN Input
Logic Current Low
IIL
1.3
nA
Applies to VSHDN Input, VIL = 0.9V
Logic Current High
IIH
65
µA
Applies to VSHDN Input, VIH = 1.8V
285
Applies to VSHDN Input, VIH = 3.3V
Switching Rise Time
TRISE
500
ns
Applies to VSHDN Input
Switching Fall Time
TFALL
500
ns
Applies to VSHDN Input
Disabled Mode
Supply Quiescent Current
ICCQ-SHDN
15
µA
VCC = 5 V, VSHDN/VEN1/VEN2 = HIGH
Enable Current 1
IENABLE1-SHDN
2.8
mA
VCC = 5 V, VSHDN/VEN1/VEN2 = HIGH
Enable Current 2
IENABLE2-SHDN
2.2
mA
VCC = 5 V, VSHDN/VEN1/VEN2 = HIGH
Thermal Data (Stage 1 and Stage 2)
See plot of Die Temp vs. Output Power
TBD
On Standard Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com