Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GRF6402 Datasheet(PDF) 4 Page - Guerrilla RF, Inc.

Part # GRF6402
Description  31.75 dB RANGE / 0.25dB STEP DSA 0.05 to 6 GHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.

GRF6402 Datasheet(HTML) 4 Page - Guerrilla RF, Inc.

  GRF6402 Datasheet HTML 1Page - Guerrilla RF, Inc. GRF6402 Datasheet HTML 2Page - Guerrilla RF, Inc. GRF6402 Datasheet HTML 3Page - Guerrilla RF, Inc. GRF6402 Datasheet HTML 4Page - Guerrilla RF, Inc. GRF6402 Datasheet HTML 5Page - Guerrilla RF, Inc. GRF6402 Datasheet HTML 6Page - Guerrilla RF, Inc. GRF6402 Datasheet HTML 7Page - Guerrilla RF, Inc. GRF6402 Datasheet HTML 8Page - Guerrilla RF, Inc. GRF6402 Datasheet HTML 9Page - Guerrilla RF, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
GRF6402 0.25dB Step DSA 50 MHz to 6 GHz
PRELIMINARY DATA SHEET
Guerrilla RF Proprietary Information. • ©2023 Guerrilla RF, Inc. • All rights reserved. • March 28, 2023
4
www.guerrilla-rf.com • (336) 510-7840 • sales@guerrilla-rf.com • 2000 Pisgah Church Road. Greensboro, NC 27455
Absolute Ratings
Parameter
Symbol
Min.
Max.
Unit
Supply Voltage
VCC
0
6
V
SI, LE, CLK
VSPI
0
6
V
ID0, ID1, ID2, RFA
VLOGIC
0
6
V
Externally Applied DC Voltage to RF1 Pin
VRFIN
0
0
V
Externally Applied DC Voltage to RF2 Pin
VRFOUT
0
0
V
RF Input Power to RF1 or RF2 (Load VSWR < 2:1)
PIN MAX
27
dBm
Operating Temperature (Package Heat Sink)
TPKG HEAT SINK
-40
115
°C
Maximum Junction Temperature (MTTF >106 Hours)
TJ-MAX
125
°C
Electrostatic Discharge
Charged Device Model
CDM
1
kV
Human Body Model
HBM
1
kV
Storage
Storage Temperature
TSTG
-65
150
°C
Moisture Sensitivity Level
MSL
1
−−
Caution! ESD Sensitive Device.
Exceeding Absolute Maximum Rating conditions may cause permanent damage.
Note: For additional information, please refer to Manufacturing Note MN-001 — Package and Manufacturing Information.
All Guerrilla RF products are provided in RoHS compliant lead (Pb)-free packaging. For additional information, please refer
to the Certificate of RoHS Compliance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com