Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

0059050A2 Datasheet(PDF) 1 Page - Magnetics, a division of Spang & Co.

Part # 0059050A2
Description  FERRITE CORE TOROID 56NH EDGE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETICS [Magnetics, a division of Spang & Co.]
Direct Link  https://www.mag-inc.com/
Logo MAGNETICS - Magnetics, a division of Spang & Co.

0059050A2 Datasheet(HTML) 1 Page - Magnetics, a division of Spang & Co.

  0059050A2 Datasheet HTML 1Page - Magnetics, a division of Spang & Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Revision 10/5/2021
Electrical Characteristics
Physical Characteristics
Watt Loss
@ 100 kHz, 100mT
max (mW/cm3)
DC Bias
min (oersteds)
Voltage
Breakdown
wire to wire
min (VAC)
Break
Strength
min (kg)
Window
Area
WA(mm2)
Cross
Section
Ae (mm2)
Path
Length
Le (mm)
Volume
Ve (mm3)
Weight
(g)
700
80%
50%
1250
15.0
38.3
10.9
31.2
340
2.9000
55.0
90.0
Winding Information
Temperature Rating
Winding Length Per Turn
Wound Coil Dimensions (mm)
Curie Temp: 500
˚C
Winding
Factor
(mm)
Winding
Factor
(mm)
40% Winding Factor
OD
14.6
Coating Temp (Continuous up to):
200
˚C
HT
7.66
Completely Full Window
Max OD
18.2
Notes:
0%
17.5
40%
21.1
Max HT
11.5
20%
19.3
45%
21.7
Surface Area (mm²)
25%
19.8
50%
22.1
30%
20.1
60%
23.2
Unwound Core
560
35%
20.7
70%
24.5
40% Winding Factor
800
Edge
Permeability
(µ)
AL
(nH/T2)
Core Marking
Coating
Color
Lot
Number
Part
Number
Inductance
Grade
125
56 ± 8%
XXXXXX
050A2
X
Green
Dimensions
Uncoated
Coated Limits
Packaging
(mm)
(in)
(mm)
(in)
Bulk Pack
4 bags/box
Box Qty= 5000 pcs
OD (A)
12.70
0.500
13.46
0.530
max
ID (B)
7.62
0.300
6.99
0.275
min
HT (C)
4.75
0.187
5.51
0.217
max
0059050A2
110 Delta Drive
Pittsburgh, PA 15238
NAFTA Sales: (1)800-245-3984
HK Sales : (852)3102-9337
magnetics@spang.com
www.mag-inc.com
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
60.0
0
50
100
150
200
250
300
350
A·T
Typical DC Bias Performance
80%
50%


Similar Part No. - 0059050A2

ManufacturerPart #DatasheetDescription
logo
Lapp.
0059000 LAPP-0059000 Datasheet
211Kb / 7P
ÖLFLEX® HEAT 180 SiF
10.02.2018
0059001 LAPP-0059001 Datasheet
211Kb / 7P
ÖLFLEX® HEAT 180 SiF
10.02.2018
logo
Tyco Electronics
005902-000 MACOM-005902-000 Datasheet
104Kb / 2P
TRANSITION, 45 DEGREE
logo
Omron Electronics LLC
00590614-DE OMRON-00590614-DE Datasheet
3Mb / 28P
CIMR-AC4A0250AAA
logo
Magnetics, a division o...
0059071A2 MAGNETICS-0059071A2 Datasheet
626Kb / 1P
FERRITE CORE TOROID 61NH EDGE
7/8/2022
More results

Similar Description - 0059050A2

ManufacturerPart #DatasheetDescription
logo
Magnetics, a division o...
0059071A2 MAGNETICS-0059071A2 Datasheet
626Kb / 1P
FERRITE CORE TOROID 61NH EDGE
7/8/2022
0059076A2 MAGNETICS-0059076A2 Datasheet
1Mb / 1P
FERRITE CORE TOROID 56NH EDGE
0059120A2 MAGNETICS-0059120A2 Datasheet
694Kb / 1P
FERRITE CORE TOROID 72NH EDGE
9/30/2021
0059192A2 MAGNETICS-0059192A2 Datasheet
682Kb / 1P
FERRITE CORE TOROID 138NH EDGE
10/6/2021
0059351A2 MAGNETICS-0059351A2 Datasheet
627Kb / 1P
FERRITE CORE TOROID 51NH EDGE
12/17/2021
0059380A2 MAGNETICS-0059380A2 Datasheet
694Kb / 1P
FERRITE CORE TOROID 89NH EDGE
10/6/2021
0059381A2 MAGNETICS-0059381A2 Datasheet
649Kb / 1P
FERRITE CORE TOROID 43NH EDGE
7/15/21
0059548A2 MAGNETICS-0059548A2 Datasheet
626Kb / 1P
FERRITE CORE TOROID 127NH EDGE
7/8/2022
0059848A2 MAGNETICS-0059848A2 Datasheet
682Kb / 1P
FERRITE CORE TOROID 32NH EDGE
7/15/21
0076076A7 MAGNETICS-0076076A7 Datasheet
627Kb / 1P
FERRITE CORE TOROID 56NH KOOL MU
10/8/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com