Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

0059076A2 Datasheet(PDF) 1 Page - Magnetics, a division of Spang & Co.

Part # 0059076A2
Description  FERRITE CORE TOROID 56NH EDGE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETICS [Magnetics, a division of Spang & Co.]
Direct Link  https://www.mag-inc.com/
Logo MAGNETICS - Magnetics, a division of Spang & Co.

0059076A2 Datasheet(HTML) 1 Page - Magnetics, a division of Spang & Co.

  0059076A2 Datasheet HTML 1Page - Magnetics, a division of Spang & Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0059076A2
110 Delta Drive
Pittsburgh, PA 15238
NAFTA Sales: (1)800-245-3984
HK Sales : (852)3102-9337
magnetics@spang.com
www.mag-inc.com
Electrical Characteristics
Physical Characteristics
Watt Loss @
100kHz, 100mT
DC Bias
min (Oersteds)
Voltage Breakdown
wire-to-wire min
(VAC)
Break
Strength
(min, kg)
Window
Area, WA
(mm
2)
Cross
Section, Ae
(mm
2)
Path
Length, Le
(mm)
Volume Ve
(mm
3)
Weight (g)
(max, mW/cm
3)
80%
50%
525
100
180
3000
80
364
67.8
89.8
6090
49
Winding Information
Temperature Rating
Winding Length per Turn
Wound Coil Dimensions (mm)
Curie Temp (°C):
500 °C
Winding
Factor
(mm)
Winding
Factor
(mm)
40% Winding Factor
OD
40.2
Coating Temp:
(Continuous, up to; °C)
200 °C
HT
18.4
0%
37.9
40%
48.9
Completely Full
Window
Max OD
51.1
Notes:
20%
43.5
45%
50.6
Max HT
29.6
25%
44.8
50%
52.0
Surface Area (mm
2)
30%
46.0
60%
55.5
Unwound Core:
3400
35%
47.6
70%
59.3
40% Wound:
5700
Edge
Permeability (µ)
AL (nH/T
2)
Core Marking
Coating
Color
Lot
Number
Part
Number
Inductance
Grade
60
56 ± 8%
XXXXXX
59076A2
N/A
Green
Dimensions
Packaging
Uncoated
Coated Limits
Cardboard cut-outs
Box Qty = 220 Pcs
(mm)
(in)
(mm)
(in)
OD (A)
35.81
1.410
36.70
1.445
max
ID (B)
22.35
0.880
21.54
0.848
min
HT (C)
10.46
0.412
11.35
0.447
max
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
60.0
0
200
400
600
800
1000
1200
1400
1600
1800
2000
A·T
Typical DC Bias Performance
80%
50%


Similar Part No. - 0059076A2

ManufacturerPart #DatasheetDescription
logo
Magnetics, a division o...
0059071A2 MAGNETICS-0059071A2 Datasheet
626Kb / 1P
FERRITE CORE TOROID 61NH EDGE
7/8/2022
More results

Similar Description - 0059076A2

ManufacturerPart #DatasheetDescription
logo
Magnetics, a division o...
0059050A2 MAGNETICS-0059050A2 Datasheet
691Kb / 1P
FERRITE CORE TOROID 56NH EDGE
10/5/2021
0059071A2 MAGNETICS-0059071A2 Datasheet
626Kb / 1P
FERRITE CORE TOROID 61NH EDGE
7/8/2022
0059120A2 MAGNETICS-0059120A2 Datasheet
694Kb / 1P
FERRITE CORE TOROID 72NH EDGE
9/30/2021
0059192A2 MAGNETICS-0059192A2 Datasheet
682Kb / 1P
FERRITE CORE TOROID 138NH EDGE
10/6/2021
0059351A2 MAGNETICS-0059351A2 Datasheet
627Kb / 1P
FERRITE CORE TOROID 51NH EDGE
12/17/2021
0059380A2 MAGNETICS-0059380A2 Datasheet
694Kb / 1P
FERRITE CORE TOROID 89NH EDGE
10/6/2021
0059381A2 MAGNETICS-0059381A2 Datasheet
649Kb / 1P
FERRITE CORE TOROID 43NH EDGE
7/15/21
0059548A2 MAGNETICS-0059548A2 Datasheet
626Kb / 1P
FERRITE CORE TOROID 127NH EDGE
7/8/2022
0059848A2 MAGNETICS-0059848A2 Datasheet
682Kb / 1P
FERRITE CORE TOROID 32NH EDGE
7/15/21
0076076A7 MAGNETICS-0076076A7 Datasheet
627Kb / 1P
FERRITE CORE TOROID 56NH KOOL MU
10/8/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com