Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

0059120A2 Datasheet(PDF) 1 Page - Magnetics, a division of Spang & Co.

Part # 0059120A2
Description  FERRITE CORE TOROID 72NH EDGE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETICS [Magnetics, a division of Spang & Co.]
Direct Link  https://www.mag-inc.com/
Logo MAGNETICS - Magnetics, a division of Spang & Co.

0059120A2 Datasheet(HTML) 1 Page - Magnetics, a division of Spang & Co.

  0059120A2 Datasheet HTML 1Page - Magnetics, a division of Spang & Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Revision 9/30/2021
Electrical Characteristics
Physical Characteristics
Watt Loss
@ 100 kHz, 100mT
max (mW/cm3)
DC Bias
min (oersteds)
Voltage
Breakdown
wire to wire
min (VAC)
Break
Strength
min (kg)
Window
Area
WA(mm2)
Cross
Section
Ae (mm2)
Path
Length
Le (mm)
Volume
Ve (mm3)
Weight
(g)
700
80%
50%
1500
23.0
71.2
19.2
41.2
791
6.3000
55
90
Winding Information
Temperature Rating
Winding Length Per Turn
Wound Coil Dimensions (mm)
Curie Temp: 500
˚C
Winding
Factor
(mm)
Winding
Factor
(mm)
40% Winding Factor
OD
18.8
Coating Temp (Continuous up to):
200
˚C
HT
10.1
Completely Full Window
Max OD
23.7
Notes:
0%
22.0
40%
26.8
Max HT
15.2
20%
24.4
45%
27.6
Surface Area (mm²)
25%
25.0
50%
28.3
30%
25.6
60%
29.7
Unwound Core
920
35%
26.2
70%
31.4
40% Winding Factor
1,300
Edge
Permeability
(µ)
AL
(nH/T2)
Core Marking
Coating
Color
Lot
Number
Part
Number
Inductance
Grade
125
72 ± 8%
XXXXXX
59120A2
X
Green
Dimensions
Uncoated
Coated Limits
Packaging
(mm)
(in)
(mm)
(in)
Bulk Pack
4 bags/box
Box Qty= 2000 pcs
OD (A)
16.59
0.653
17.27
0.680
max
ID (B)
10.16
0.400
9.53
0.375
min
HT (C)
6.35
0.250
7.11
0.280
max
0059120A2
110 Delta Drive
Pittsburgh, PA 15238
NAFTA Sales: (1)800-245-3984
HK Sales : (852)3102-9337
magnetics@spang.com
www.mag-inc.com
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
60.0
65.0
70.0
75.0
0
50
100
150
200
250
300
350
400
450
A·T
Typical DC Bias Performance
80%
50%


Similar Part No. - 0059120A2

ManufacturerPart #DatasheetDescription
logo
Magnetics, a division o...
0059121A2 MAGNETICS-0059121A2 Datasheet
628Kb / 1P
FERRITE CORE TOROID 35NH EDGE
6/22/2022
More results

Similar Description - 0059120A2

ManufacturerPart #DatasheetDescription
logo
Magnetics, a division o...
0059050A2 MAGNETICS-0059050A2 Datasheet
691Kb / 1P
FERRITE CORE TOROID 56NH EDGE
10/5/2021
0059071A2 MAGNETICS-0059071A2 Datasheet
626Kb / 1P
FERRITE CORE TOROID 61NH EDGE
7/8/2022
0059076A2 MAGNETICS-0059076A2 Datasheet
1Mb / 1P
FERRITE CORE TOROID 56NH EDGE
0059192A2 MAGNETICS-0059192A2 Datasheet
682Kb / 1P
FERRITE CORE TOROID 138NH EDGE
10/6/2021
0059351A2 MAGNETICS-0059351A2 Datasheet
627Kb / 1P
FERRITE CORE TOROID 51NH EDGE
12/17/2021
0059380A2 MAGNETICS-0059380A2 Datasheet
694Kb / 1P
FERRITE CORE TOROID 89NH EDGE
10/6/2021
0059381A2 MAGNETICS-0059381A2 Datasheet
649Kb / 1P
FERRITE CORE TOROID 43NH EDGE
7/15/21
0059548A2 MAGNETICS-0059548A2 Datasheet
626Kb / 1P
FERRITE CORE TOROID 127NH EDGE
7/8/2022
0059848A2 MAGNETICS-0059848A2 Datasheet
682Kb / 1P
FERRITE CORE TOROID 32NH EDGE
7/15/21
0059894A2 MAGNETICS-0059894A2 Datasheet
626Kb / 1P
FERRITE CORE TOROID 75NH EDGE
1/25/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com