Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

0059121A2 Datasheet(PDF) 1 Page - Magnetics, a division of Spang & Co.

Part # 0059121A2
Description  FERRITE CORE TOROID 35NH EDGE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETICS [Magnetics, a division of Spang & Co.]
Direct Link  https://www.mag-inc.com/
Logo MAGNETICS - Magnetics, a division of Spang & Co.

0059121A2 Datasheet(HTML) 1 Page - Magnetics, a division of Spang & Co.

  0059121A2 Datasheet HTML 1Page - Magnetics, a division of Spang & Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Edge
Permeability
(µ)
60
(mm)
OD (A)
16.59
ID (B)
10.16
HT (C)
6.35
80%
50%
100
180
Curie Temp:
500°C
0%
22.0
40%
26.9
Max HT
20%
24.4
45%
27.6
25%
25.0
50%
28.3
30%
25.5
60%
29.8
35%
26.3
70%
31.5
Revision
0059121A2
Notes:
Max OD
10.1
20.3
14.1
HT
Temperature Rating
Coating Temp (Continuous up to):
200°C
Unwound Core
40% Winding Factor
920
1,300
Completely Full Window
Surface Area (mm
2)
793
Est.
Weight
(g)
0.680
(in)
0.375
0.280
19.2
Cross
Section
Ae (mm
2)
41.2
max
6.48
Path
Length
Le (mm)
19.3
OD
Electrical Characeristics
525
DC Bias min
(oersteds)
Watt Loss
@ 100kHz, 100mT
max (mW/cm
3)
40% Winding Factor
Winding
Factor
(mm)
Winding
Factor
(mm)
Winding Length Per Turn
Wound Coil Dimensions (mm)
Winding Information
Window
Area
Wa(mm
2)
Voltage
Breakdown
wire to wire
min (VAC)
Break
Strength
min (kg)
71.3
23.0
1250
AL
(nH/T
2)
(in)
0.653
0.400
0.250
min
max
Dimensions
Green
Bulk Pack
4 bags/box
Box Qty= 2000 pcs
35 ± 8%
59121A2
(mm)
6/22/2022
Core Marking
Uncoated
17.27
9.53
7.11
Packaging
Inductance
Grade
N/A
Volume Ve
(mm
3)
Coated Limits
Lot
Number
XXXXXX
Physical Characteristics
Coating
Color
Part
Number
110 Delta Drive
Pittsburgh, PA 15238
NAFTA Sales: (1)800-245-3984
HK Sales : (852)3102-9337
magnetics@spang.com
www.mag-inc.com
0
5
10
15
20
25
30
35
0
100
200
300
400
500
600
700
800
900
A·T
Typical DC Bias Performance
80%
50%


Similar Part No. - 0059121A2

ManufacturerPart #DatasheetDescription
logo
Magnetics, a division o...
0059120A2 MAGNETICS-0059120A2 Datasheet
694Kb / 1P
FERRITE CORE TOROID 72NH EDGE
9/30/2021
More results

Similar Description - 0059121A2

ManufacturerPart #DatasheetDescription
logo
Magnetics, a division o...
0059050A2 MAGNETICS-0059050A2 Datasheet
691Kb / 1P
FERRITE CORE TOROID 56NH EDGE
10/5/2021
0059071A2 MAGNETICS-0059071A2 Datasheet
626Kb / 1P
FERRITE CORE TOROID 61NH EDGE
7/8/2022
0059076A2 MAGNETICS-0059076A2 Datasheet
1Mb / 1P
FERRITE CORE TOROID 56NH EDGE
0059120A2 MAGNETICS-0059120A2 Datasheet
694Kb / 1P
FERRITE CORE TOROID 72NH EDGE
9/30/2021
0059351A2 MAGNETICS-0059351A2 Datasheet
627Kb / 1P
FERRITE CORE TOROID 51NH EDGE
12/17/2021
0059380A2 MAGNETICS-0059380A2 Datasheet
694Kb / 1P
FERRITE CORE TOROID 89NH EDGE
10/6/2021
0059381A2 MAGNETICS-0059381A2 Datasheet
649Kb / 1P
FERRITE CORE TOROID 43NH EDGE
7/15/21
0059548A2 MAGNETICS-0059548A2 Datasheet
626Kb / 1P
FERRITE CORE TOROID 127NH EDGE
7/8/2022
0076121A7 MAGNETICS-0076121A7 Datasheet
684Kb / 1P
FERRITE CORE TOROID 35NH KOOL MU
7/15/21
0076256A7 MAGNETICS-0076256A7 Datasheet
202Kb / 1P
FERRITE CORE TOROID 35NH KOOL MU
3/1/2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com