Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

0059192A2 Datasheet(PDF) 1 Page - Magnetics, a division of Spang & Co.

Part # 0059192A2
Description  FERRITE CORE TOROID 138NH EDGE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETICS [Magnetics, a division of Spang & Co.]
Direct Link  https://www.mag-inc.com/
Logo MAGNETICS - Magnetics, a division of Spang & Co.

0059192A2 Datasheet(HTML) 1 Page - Magnetics, a division of Spang & Co.

  0059192A2 Datasheet HTML 1Page - Magnetics, a division of Spang & Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Revision 10/6/2021
Electrical Characteristics
Physical Characteristics
Watt Loss
@ 100 kHz, 100mT
max (mW/cm3)
DC Bias
min (oersteds)
Voltage
Breakdown
wire to wire
min (VAC)
Break
Strength
min (kg)
Window
Area
WA(mm2)
Cross
Section
Ae (mm2)
Path
Length
Le (mm)
Volume
Ve (mm3)
Weight
(g)
525
80%
50%
3000
163.0
514
229
125
28,600
222
100
180
Winding Information
Temperature Rating
Winding Length Per Turn
Wound Coil Dimensions (mm)
Curie Temp: 500
˚C
Winding
Factor
(mm)
Winding
Factor
(mm)
40% Winding Factor
OD
62.0
Coating Temp (Continuous up to):
200
˚C
HT
24.0
Completely Full Window
Max OD
75.7
Notes:
0%
64.6
40%
77.8
Max HT
34.0
20%
71.2
45%
79.8
Surface Area (mm²)
25%
72.9
50%
81.6
30%
74.1
60%
85.6
Unwound Core
8,500
35%
76.3
70%
90.1
40% Winding Factor
12,000
Edge
Permeability
(µ)
AL
(nH/T2)
Core Marking
Coating
Color
Lot
Number
Part
Number
Inductance
Grade
60
138 ± 8%
XXXXXX
59192A2
N/A
Green
Dimensions
Uncoated
Coated Limits
Packaging
(mm)
(in)
(mm)
(in)
Cardboard cut-outs
Box Qty= 80 pcs
OD (A)
57.15
2.250
58.04
2.285
max
ID (B)
26.39
1.039
25.58
1.007
min
HT (C)
15.24
0.600
16.13
0.635
max
0059192A2
110 Delta Drive
Pittsburgh, PA 15238
NAFTA Sales: (1)800-245-3984
HK Sales : (852)3102-9337
magnetics@spang.com
www.mag-inc.com
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
0
500
1000
1500
2000
2500
A·T
Typical DC Bias Performance
80%
50%


Similar Part No. - 0059192A2

ManufacturerPart #DatasheetDescription
logo
Lapp.
0059104 LAPP-0059104 Datasheet
211Kb / 7P
ÖLFLEX® HEAT 180 SiF
10.02.2018
logo
Magnetics, a division o...
0059120A2 MAGNETICS-0059120A2 Datasheet
694Kb / 1P
FERRITE CORE TOROID 72NH EDGE
9/30/2021
0059121A2 MAGNETICS-0059121A2 Datasheet
628Kb / 1P
FERRITE CORE TOROID 35NH EDGE
6/22/2022
More results

Similar Description - 0059192A2

ManufacturerPart #DatasheetDescription
logo
Magnetics, a division o...
0059050A2 MAGNETICS-0059050A2 Datasheet
691Kb / 1P
FERRITE CORE TOROID 56NH EDGE
10/5/2021
0059071A2 MAGNETICS-0059071A2 Datasheet
626Kb / 1P
FERRITE CORE TOROID 61NH EDGE
7/8/2022
0059076A2 MAGNETICS-0059076A2 Datasheet
1Mb / 1P
FERRITE CORE TOROID 56NH EDGE
0059120A2 MAGNETICS-0059120A2 Datasheet
694Kb / 1P
FERRITE CORE TOROID 72NH EDGE
9/30/2021
0059351A2 MAGNETICS-0059351A2 Datasheet
627Kb / 1P
FERRITE CORE TOROID 51NH EDGE
12/17/2021
0059380A2 MAGNETICS-0059380A2 Datasheet
694Kb / 1P
FERRITE CORE TOROID 89NH EDGE
10/6/2021
0059381A2 MAGNETICS-0059381A2 Datasheet
649Kb / 1P
FERRITE CORE TOROID 43NH EDGE
7/15/21
0059548A2 MAGNETICS-0059548A2 Datasheet
626Kb / 1P
FERRITE CORE TOROID 127NH EDGE
7/8/2022
0059848A2 MAGNETICS-0059848A2 Datasheet
682Kb / 1P
FERRITE CORE TOROID 32NH EDGE
7/15/21
0059894A2 MAGNETICS-0059894A2 Datasheet
626Kb / 1P
FERRITE CORE TOROID 75NH EDGE
1/25/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com