Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

0059548A2 Datasheet(PDF) 1 Page - Magnetics, a division of Spang & Co.

Part # 0059548A2
Description  FERRITE CORE TOROID 127NH EDGE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETICS [Magnetics, a division of Spang & Co.]
Direct Link  https://www.mag-inc.com/
Logo MAGNETICS - Magnetics, a division of Spang & Co.

0059548A2 Datasheet(HTML) 1 Page - Magnetics, a division of Spang & Co.

  0059548A2 Datasheet HTML 1Page - Magnetics, a division of Spang & Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Edge
Permeability
(µ)
125
(mm)
OD (A)
32.79
ID (B)
20.09
HT (C)
10.67
80%
50%
55
90
Curie Temp:
500°C
0%
37.1
40%
47.1
Max HT
20%
42.1
45%
48.7
25%
43.3
50%
50.0
30%
44.5
60%
53.2
35%
46.0
70%
56.7
Revision 7/8/2022
Core Marking
Uncoated
33.66
19.46
11.43
Packaging
Inductance
Grade
N/A
Volume Ve
(mm
3)
Coated Limits
Lot
Number
XXXXXX
Physical Characteristics
Coating
Color
Part
Number
Green
Cardboard cut-outs
Box Qty= 250 pcs
127 ± 8%
59548A2
(mm)
max
min
max
(in)
0.766
0.450
Winding
Factor
(mm)
Winding Length Per Turn
AL
(nH/T
2)
(in)
1.291
0.791
0.420
Watt Loss
@ 100kHz, 100mT
max (mW/cm
3)
Winding
Factor
(mm)
Dimensions
Completely Full Window
Cross
Section
Ae (mm
2)
Window
Area
Wa(mm
2)
Voltage
Breakdown
wire to wire
min (VAC)
Break
Strength
min (kg)
297
79.0
3000
Surface Area (mm
2)
5,340
Est.
Weight
(g)
1.325
81.4
OD
40% Winding Factor
44.3
Path
Length
Le (mm)
37.7
Wound Coil Dimensions (mm)
Winding Information
Electrical Characeristics
700
DC Bias min
(oersteds)
65.6
0059548A2
Notes:
Max OD
17.4
39.7
25.4
HT
Temperature Rating
Coating Temp (Continuous up to):
200°C
Unwound Core
40% Winding Factor
3,100
4,700
110 Delta Drive
Pittsburgh, PA 15238
NAFTA Sales: (1)800-245-3984
HK Sales : (852)3102-9337
magnetics@spang.com
0
20
40
60
80
100
120
140
0
100
200
300
400
500
600
700
800
900
1000
A·T
Typical DC Bias Performance
80%
50%


Similar Part No. - 0059548A2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
005957-000 MACOM-005957-000 Datasheet
49Kb / 1P
SPECIFICATION CONTROL DRAWING
logo
Magnetics, a division o...
0059586A2 MAGNETICS-0059586A2 Datasheet
635Kb / 1P
FERRITE CORE TOROID 38NH EDGE
More results

Similar Description - 0059548A2

ManufacturerPart #DatasheetDescription
logo
Magnetics, a division o...
0059050A2 MAGNETICS-0059050A2 Datasheet
691Kb / 1P
FERRITE CORE TOROID 56NH EDGE
10/5/2021
0059071A2 MAGNETICS-0059071A2 Datasheet
626Kb / 1P
FERRITE CORE TOROID 61NH EDGE
7/8/2022
0059076A2 MAGNETICS-0059076A2 Datasheet
1Mb / 1P
FERRITE CORE TOROID 56NH EDGE
0059120A2 MAGNETICS-0059120A2 Datasheet
694Kb / 1P
FERRITE CORE TOROID 72NH EDGE
9/30/2021
0059192A2 MAGNETICS-0059192A2 Datasheet
682Kb / 1P
FERRITE CORE TOROID 138NH EDGE
10/6/2021
0059351A2 MAGNETICS-0059351A2 Datasheet
627Kb / 1P
FERRITE CORE TOROID 51NH EDGE
12/17/2021
0059380A2 MAGNETICS-0059380A2 Datasheet
694Kb / 1P
FERRITE CORE TOROID 89NH EDGE
10/6/2021
0059381A2 MAGNETICS-0059381A2 Datasheet
649Kb / 1P
FERRITE CORE TOROID 43NH EDGE
7/15/21
0059848A2 MAGNETICS-0059848A2 Datasheet
682Kb / 1P
FERRITE CORE TOROID 32NH EDGE
7/15/21
0059894A2 MAGNETICS-0059894A2 Datasheet
626Kb / 1P
FERRITE CORE TOROID 75NH EDGE
1/25/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com