Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

0059848A2 Datasheet(PDF) 1 Page - Magnetics, a division of Spang & Co.

Part # 0059848A2
Description  FERRITE CORE TOROID 32NH EDGE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETICS [Magnetics, a division of Spang & Co.]
Direct Link  https://www.mag-inc.com/
Logo MAGNETICS - Magnetics, a division of Spang & Co.

0059848A2 Datasheet(HTML) 1 Page - Magnetics, a division of Spang & Co.

  0059848A2 Datasheet HTML 1Page - Magnetics, a division of Spang & Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0059848A2
110 Delta Drive
Pittsburgh, PA 15238
NAFTA Sales: (1)800-245-3984
HK Sales : (852)3102-9337
magnetics@spang.com
www.mag-inc.com
Electrical Characteristics
Physical Characteristics
Watt Loss @
100kHz, 100mT
DC Bias
min (Oersteds)
Voltage Breakdown
wire-to-wire min
(VAC)
Break
Strength
(min, kg)
Window
Area, WA
(mm
2)
Cross
Section, Ae
(mm
2)
Path
Length, Le
(mm)
Volume Ve
(mm
3)
Weight (g)
(max, mW/cm
3)
80%
50%
525
100
180
>2000
28.6
114
22.1
50.9
1120
8.8360
Winding Information
Temperature Rating
Winding Length per Turn
Wound Coil Dimensions (mm)
Curie Temp (°C):
500 °C
Winding
Factor
(mm)
Winding
Factor
(mm)
40% Winding Factor
OD
22.9
Coating Temp:
(Continuous, up to; °C)
200 °C
HT
10.7
0%
23.2
40%
29.3
Completely Full
Window
Max OD
29.2
Notes:
20%
26.3
45%
30.3
Max HT
17.4
25%
27.0
50%
31.2
Surface Area (mm
2)
30%
27.8
60%
32.9
Unwound Core:
1200
35%
28.6
70%
35.1
40% Wound:
1900
Revision 7/15/21
Edge
Permeability (µ)
AL (nH/T
2)
Core Marking
Coating
Color
Lot
Number
Part
Number
Inductance
Grade
60
32 ± 8%
XXXXXX
59848A2
N/A
Green
Dimensions
Packaging
Uncoated
Coated Limits
Bulk Pack: 4 bags/box
Box Qty = 1600 Pcs
(mm)
(in)
(mm)
(in)
OD (A)
20.32
0.800
21.08
0.830
max
ID (B)
12.70
0.500
12.07
0.475
min
HT (C)
6.35
0.250
7.11
0.280
max
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
A·T
Typical DC Bias Performance
80%
50%


Similar Part No. - 0059848A2

ManufacturerPart #DatasheetDescription
logo
Magnetics, a division o...
0059894A2 MAGNETICS-0059894A2 Datasheet
626Kb / 1P
FERRITE CORE TOROID 75NH EDGE
1/25/2022
More results

Similar Description - 0059848A2

ManufacturerPart #DatasheetDescription
logo
Magnetics, a division o...
0059050A2 MAGNETICS-0059050A2 Datasheet
691Kb / 1P
FERRITE CORE TOROID 56NH EDGE
10/5/2021
0059071A2 MAGNETICS-0059071A2 Datasheet
626Kb / 1P
FERRITE CORE TOROID 61NH EDGE
7/8/2022
0059076A2 MAGNETICS-0059076A2 Datasheet
1Mb / 1P
FERRITE CORE TOROID 56NH EDGE
0059120A2 MAGNETICS-0059120A2 Datasheet
694Kb / 1P
FERRITE CORE TOROID 72NH EDGE
9/30/2021
0059192A2 MAGNETICS-0059192A2 Datasheet
682Kb / 1P
FERRITE CORE TOROID 138NH EDGE
10/6/2021
0059351A2 MAGNETICS-0059351A2 Datasheet
627Kb / 1P
FERRITE CORE TOROID 51NH EDGE
12/17/2021
0059380A2 MAGNETICS-0059380A2 Datasheet
694Kb / 1P
FERRITE CORE TOROID 89NH EDGE
10/6/2021
0059381A2 MAGNETICS-0059381A2 Datasheet
649Kb / 1P
FERRITE CORE TOROID 43NH EDGE
7/15/21
0059548A2 MAGNETICS-0059548A2 Datasheet
626Kb / 1P
FERRITE CORE TOROID 127NH EDGE
7/8/2022
0076848A7 MAGNETICS-0076848A7 Datasheet
670Kb / 1P
FERRITE CORE TOROID 32NH KOOL MU
7/16/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com