Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

0076071A7 Datasheet(PDF) 1 Page - Magnetics, a division of Spang & Co.

Part # 0076071A7
Description  FERRITE CORE TOROID 61NH KOOL MU
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETICS [Magnetics, a division of Spang & Co.]
Direct Link  https://www.mag-inc.com/
Logo MAGNETICS - Magnetics, a division of Spang & Co.

0076071A7 Datasheet(HTML) 1 Page - Magnetics, a division of Spang & Co.

  0076071A7 Datasheet HTML 1Page - Magnetics, a division of Spang & Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Kool Mµ Hƒ
Permeability
(µ)
60
(mm)
OD (A)
32.79
ID (B)
20.09
HT (C)
10.67
80%
50%
45
100
Curie Temp:
500°C
0%
37.1
40%
53.1
Max HT
20%
ERROR
45%
53.1
25%
ERROR
50%
53.1
30%
ERROR
60%
57.5
35%
53.1
70%
ERROR
Revision
5/11/2023
Core Marking
Uncoated
33.66
19.46
11.43
Packaging
Inductance
Grade
N/A
Volume Ve
(mm
3)
Coated Limits
Lot
Number
XXXXXX
Physical Characteristics
Coating
Color
Part
Number
Black
Cardboard cut-outs
Box Qty= 250 pcs
61 ± 8%
76071A7
(mm)
max
min
max
(in)
0.766
0.450
Winding
Factor
(mm)
Winding Length Per Turn
AL
(nH/T
2)
(in)
1.291
0.791
0.420
Watt Loss
@ 100kHz, 100mT
max (mW/cm
3)
Winding
Factor
(mm)
Dimensions
Completely Full Window
Cross
Section
Ae (mm
2)
Window
Area
Wa(mm
2)
Voltage
Breakdown
wire to wire
min (VAC)
Break
Strength
min (kg)
297
79.0
3000
Surface Area (mm
2)
5,340
Est.
Weight
(g)
1.325
81.4
OD
40% Winding Factor
33.3
Path
Length
Le (mm)
43.9
Wound Coil Dimensions (mm)
Winding Information
Electrical Characeristics
450
DC Bias min
(oersteds)
65.6
0076071A7
Notes:
Max OD
21.6
43.9
31.8
HT
Temperature Rating
Coating Temp (Continuous up to):
200°C
Unwound Core
40% Winding Factor
3,100
6,500
110 Delta Drive
Pittsburgh, PA 15238
NAFTA Sales: (1)800-245-3984
HK Sales : (852)3102-9337
magnetics@spang.com
0
10
20
30
40
50
60
70
0
200
400
600
800
1000
1200
A·T
Typical DC Bias Performance
80%
50%


Similar Part No. - 0076071A7

ManufacturerPart #DatasheetDescription
logo
Magnetics, a division o...
0076076A7 MAGNETICS-0076076A7 Datasheet
627Kb / 1P
FERRITE CORE TOROID 56NH KOOL MU
10/8/2021
More results

Similar Description - 0076071A7

ManufacturerPart #DatasheetDescription
logo
Magnetics, a division o...
0076051A7 MAGNETICS-0076051A7 Datasheet
661Kb / 1P
FERRITE CORE TOROID 27NH KOOL MU
7/15/21
0076052A7 MAGNETICS-0076052A7 Datasheet
666Kb / 1P
FERRITE CORE TOROID 12NH KOOL MU
0076076A7 MAGNETICS-0076076A7 Datasheet
627Kb / 1P
FERRITE CORE TOROID 56NH KOOL MU
10/8/2021
0076121A7 MAGNETICS-0076121A7 Datasheet
684Kb / 1P
FERRITE CORE TOROID 35NH KOOL MU
7/15/21
0076208A7 MAGNETICS-0076208A7 Datasheet
684Kb / 1P
FERRITE CORE TOROID 14NH KOOL MU
7/16/21
0076256A7 MAGNETICS-0076256A7 Datasheet
202Kb / 1P
FERRITE CORE TOROID 35NH KOOL MU
3/1/2023
0076312A7 MAGNETICS-0076312A7 Datasheet
715Kb / 1P
FERRITE CORE TOROID 19NH KOOL MU
10/6/2021
0076351A7 MAGNETICS-0076351A7 Datasheet
230Kb / 1P
FERRITE CORE TOROID 51NH KOOL MU
12/17/2021
0076381A7 MAGNETICS-0076381A7 Datasheet
682Kb / 1P
FERRITE CORE TOROID 43NH KOOL MU
0076848A7 MAGNETICS-0076848A7 Datasheet
670Kb / 1P
FERRITE CORE TOROID 32NH KOOL MU
7/16/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com