Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

0076076A7 Datasheet(PDF) 1 Page - Magnetics, a division of Spang & Co.

Part # 0076076A7
Description  FERRITE CORE TOROID 56NH KOOL MU
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETICS [Magnetics, a division of Spang & Co.]
Direct Link  https://www.mag-inc.com/
Logo MAGNETICS - Magnetics, a division of Spang & Co.

0076076A7 Datasheet(HTML) 1 Page - Magnetics, a division of Spang & Co.

  0076076A7 Datasheet HTML 1Page - Magnetics, a division of Spang & Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Kool Mµ Hƒ
Permeability
(µ)
60
(mm)
OD (A)
35.81
ID (B)
22.35
HT (C)
10.46
80%
50%
45
100
Curie Temp:
500°C
0%
37.9
40%
48.8
Max HT
20%
43.4
45%
50.5
25%
44.7
50%
52.0
30%
46.0
60%
55.4
35%
47.6
70%
59.2
Revision
0076076A7
Notes:
Max OD
18.0
43.3
26.8
HT
Temperature Rating
Coating Temp (Continuous up to):
200°C
Unwound Core
40% Winding Factor
3,500
5,500
Completely Full Window
Surface Area (mm
2)
6,090
Weight
(g)
1.445
(in)
0.848
0.447
67.9
Cross
Section
Ae (mm
2)
89.7
max
40.2
Path
Length
Le (mm)
41.1
OD
Electrical Characeristics
450
DC Bias min
(oersteds)
Watt Loss
@ 100kHz, 100mT
40% Winding Factor
Winding
Factor
(mm)
Winding
Factor
(mm)
max (mW/cm
3)
Winding Length Per Turn
Wound Coil Dimensions (mm)
Winding Information
Window
Area
Wa(mm
2)
Voltage
Breakdown
wire to wire
min (VAC)
Break
Strength
min (kg)
364
80.0
3000
Coating
Color
Part
Number
min
max
Dimensions
Black
Cardboard cut-outs
Box Qty= 220 pcs
56 ± 8%
76076A7
(mm)
AL
(nH/T
2)
(in)
1.410
0.880
0.412
10/8/2021
Core Marking
Uncoated
36.70
21.54
11.35
Packaging
Inductance
Grade
N/A
Volume Ve
(mm
3)
Coated Limits
Lot
Number
XXXXXX
Physical Characteristics
110 Delta Drive
Pittsburgh, PA 15238
NAFTA Sales: (1)800-245-3984
HK Sales : (852)3102-9337
magnetics@spang.com
www.mag-inc.com
0
10
20
30
40
50
60
0
200
400
600
800
1000
1200
A·T
Typical DC Bias Performance
80%
50%


Similar Part No. - 0076076A7

ManufacturerPart #DatasheetDescription
logo
Magnetics, a division o...
0076071A7 MAGNETICS-0076071A7 Datasheet
203Kb / 1P
FERRITE CORE TOROID 61NH KOOL MU
5/11/2023
More results

Similar Description - 0076076A7

ManufacturerPart #DatasheetDescription
logo
Magnetics, a division o...
0076051A7 MAGNETICS-0076051A7 Datasheet
661Kb / 1P
FERRITE CORE TOROID 27NH KOOL MU
7/15/21
0076052A7 MAGNETICS-0076052A7 Datasheet
666Kb / 1P
FERRITE CORE TOROID 12NH KOOL MU
0076071A7 MAGNETICS-0076071A7 Datasheet
203Kb / 1P
FERRITE CORE TOROID 61NH KOOL MU
5/11/2023
0076121A7 MAGNETICS-0076121A7 Datasheet
684Kb / 1P
FERRITE CORE TOROID 35NH KOOL MU
7/15/21
0076208A7 MAGNETICS-0076208A7 Datasheet
684Kb / 1P
FERRITE CORE TOROID 14NH KOOL MU
7/16/21
0076256A7 MAGNETICS-0076256A7 Datasheet
202Kb / 1P
FERRITE CORE TOROID 35NH KOOL MU
3/1/2023
0076312A7 MAGNETICS-0076312A7 Datasheet
715Kb / 1P
FERRITE CORE TOROID 19NH KOOL MU
10/6/2021
0076351A7 MAGNETICS-0076351A7 Datasheet
230Kb / 1P
FERRITE CORE TOROID 51NH KOOL MU
12/17/2021
0076381A7 MAGNETICS-0076381A7 Datasheet
682Kb / 1P
FERRITE CORE TOROID 43NH KOOL MU
0076848A7 MAGNETICS-0076848A7 Datasheet
670Kb / 1P
FERRITE CORE TOROID 32NH KOOL MU
7/16/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com