Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

0076121A7 Datasheet(PDF) 1 Page - Magnetics, a division of Spang & Co.

Part # 0076121A7
Description  FERRITE CORE TOROID 35NH KOOL MU
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETICS [Magnetics, a division of Spang & Co.]
Direct Link  https://www.mag-inc.com/
Logo MAGNETICS - Magnetics, a division of Spang & Co.

0076121A7 Datasheet(HTML) 1 Page - Magnetics, a division of Spang & Co.

  0076121A7 Datasheet HTML 1Page - Magnetics, a division of Spang & Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0076121A7
110 Delta Drive
Pittsburgh, PA 15238
NAFTA Sales: (1)800-245-3984
HK Sales : (852)3102-9337
magnetics@spang.com
www.mag-inc.com
Electrical Characteristics
Physical Characteristics
Watt Loss @
100kHz, 100mT
DC Bias
min (Oersteds)
Voltage Breakdown
wire-to-wire min
(VAC)
Break
Strength
(min, kg)
Window
Area, WA
(mm
2)
Cross
Section, Ae
(mm
2)
Path
Length, Le
(mm)
Volume Ve
(mm
3)
Weight (g)
(max, mW/cm
3)
80%
50%
450
45.0
100
1250
23.1
71.2
19.2
41.2
791
5.1
00
00
00
00
0
Winding Information
Temperature Rating
Winding Length per Turn
Wound Coil Dimensions (mm)
Curie Temp (°C):
500 °C
Winding
Factor
(mm)
Winding
Factor
(mm)
40% Winding Factor
OD
18.8
Coating Temp:
(Continuous, up to; °C)
200 °C
HT
10.1
0%
22.0
40%
26.8
Completely Full
Window
Max OD
23.7
Notes:
20%
24.4
45%
27.6
Max HT
15.2
25%
25.0
50%
28.3
Surface Area (mm
2)
30%
25.6
60%
29.7
Unwound Core:
920
35%
26.2
70%
31.4
40% Wound:
1300
Revision 7/15/21
Kool Mµ Hƒ
Permeability (µ)
AL (nH/T
2)
Core Marking
Coating
Color
Lot
Number
Part
Number
Inductance
Grade
60
35 ± 8%
XXXXXX
76121A7
N/A
Black
Dimensions
Packaging
Uncoated
Coated Limits
Cardboard cut-outs
Box Qty = 2000 Pcs
(mm)
(in)
(mm)
(in)
OD (A)
16.59
0.653
17.27
0.680
max
ID (B)
10.16
0.400
9.53
0.375
min
HT (C)
6.35
0.250
7.11
0.280
max
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
0
100
200
300
400
500
600
A·T
Typical DC Bias Performance
80%
50%


Similar Part No. - 0076121A7

ManufacturerPart #DatasheetDescription
logo
Magnetics, a division o...
0076051A7 MAGNETICS-0076051A7 Datasheet
661Kb / 1P
FERRITE CORE TOROID 27NH KOOL MU
7/15/21
0076052A7 MAGNETICS-0076052A7 Datasheet
666Kb / 1P
FERRITE CORE TOROID 12NH KOOL MU
0076071A7 MAGNETICS-0076071A7 Datasheet
203Kb / 1P
FERRITE CORE TOROID 61NH KOOL MU
5/11/2023
0076076A7 MAGNETICS-0076076A7 Datasheet
627Kb / 1P
FERRITE CORE TOROID 56NH KOOL MU
10/8/2021
0076083A7 MAGNETICS-0076083A7 Datasheet
679Kb / 1P
Kool Mµ® Hƒ Powder Cores
More results

Similar Description - 0076121A7

ManufacturerPart #DatasheetDescription
logo
Magnetics, a division o...
0076051A7 MAGNETICS-0076051A7 Datasheet
661Kb / 1P
FERRITE CORE TOROID 27NH KOOL MU
7/15/21
0076052A7 MAGNETICS-0076052A7 Datasheet
666Kb / 1P
FERRITE CORE TOROID 12NH KOOL MU
0076071A7 MAGNETICS-0076071A7 Datasheet
203Kb / 1P
FERRITE CORE TOROID 61NH KOOL MU
5/11/2023
0076076A7 MAGNETICS-0076076A7 Datasheet
627Kb / 1P
FERRITE CORE TOROID 56NH KOOL MU
10/8/2021
0076208A7 MAGNETICS-0076208A7 Datasheet
684Kb / 1P
FERRITE CORE TOROID 14NH KOOL MU
7/16/21
0076256A7 MAGNETICS-0076256A7 Datasheet
202Kb / 1P
FERRITE CORE TOROID 35NH KOOL MU
3/1/2023
0076312A7 MAGNETICS-0076312A7 Datasheet
715Kb / 1P
FERRITE CORE TOROID 19NH KOOL MU
10/6/2021
0076351A7 MAGNETICS-0076351A7 Datasheet
230Kb / 1P
FERRITE CORE TOROID 51NH KOOL MU
12/17/2021
0076381A7 MAGNETICS-0076381A7 Datasheet
682Kb / 1P
FERRITE CORE TOROID 43NH KOOL MU
0076848A7 MAGNETICS-0076848A7 Datasheet
670Kb / 1P
FERRITE CORE TOROID 32NH KOOL MU
7/16/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com