Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SLG47115 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # SLG47115
Description  GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG47115 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button SLG47115 Datasheet HTML 35Page - Renesas Technology Corp SLG47115 Datasheet HTML 36Page - Renesas Technology Corp SLG47115 Datasheet HTML 37Page - Renesas Technology Corp SLG47115 Datasheet HTML 38Page - Renesas Technology Corp SLG47115 Datasheet HTML 39Page - Renesas Technology Corp SLG47115 Datasheet HTML 40Page - Renesas Technology Corp SLG47115 Datasheet HTML 41Page - Renesas Technology Corp SLG47115 Datasheet HTML 42Page - Renesas Technology Corp SLG47115 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 256 page
background image
R19DS0118EU0115 Rev.1.15
Page 39
Mar 1, 2023
SLG47115 Datasheet
3.14
Differential Amplifier with Integrator and Comparator Specifications
3.15
ACMP Specifications
Table 25. Differential Amplifier Specifications at T = -40 °C to +85 °C, VDD = 2.3 V to 5.5 V Unless Otherwise
Noted
Parameter
Description
Conditions
Min
Typ
Max
Unit
∆VLINe
Line regulation
VDD2 = 5 V to 11.1 V, VOUT = 4.096 V,
ILoad = 0.5 A, TJ = -40 °C to 85 °C
--
±0.8
--
%
VDD2 = 14.8 V to 26.4 V, VOUT = 8.192 V,
ILoad = 0.5 A, TJ = -40 °C to 85 °C
--
±2.1
--
%
VDD2 = 5 V to 11.1 V, VOUT = 4.096 V,
ILoad = 0.5 A, TJ = -40 °C to 150 °C
--
±0.7
--
%
VDD2 = 14.8 V to 26.4 V, VOUT = 8.192 V,
ILoad = 0.5 A, TJ = -40 °C to 150 °C
--
±2.0
--
%
∆VLOAD
Load regulation
VDD2 = 5 V, VOUT = 4.096 V,
ILOAD = 200 mA to 500 mA,
TJ = 25 °C
--
±1.0
--
%
VDD2 = 14.8 V, VOUT = 8.192 V,
ILOAD = 200 mA to 500 mA,
TJ = 25 °C
--
±1.4
--
%
VDD2 = 26.4 V, VOUT = 16.128 V,
ILOAD = 200 mA to 500 mA,
TJ = 25°C
--
±1.8
--
%
VDD2 = 5 V, VOUT = 4.096 V,
ILOAD = 200 mA to 500 mA,
TJ = -40 °C to 85 °C
--
±1.0
--
%
VDD2 = 14.8 V, VOUT = 8.192 V,
ILOAD = 200 mA to 500 mA,
TJ = -40 °C to 85 °C
--
±1.4
--
%
VDD2 = 26.4 V, VOUT = 16.128 V,
ILOAD = 200 mA to 500 mA,
TJ = -40 °C to 85 °C
--
±1.9
--
%
VDD2 = 5 V, VOUT = 4.096 V,
ILOAD = 200 mA to 500 mA,
TJ = -40 °C to 150 °C
--
±1.0
--
%
VDD2 = 14.8 V, VOUT = 8.192 V,
ILOAD = 200 mA to 500 mA,
TJ = -40 °C to 150 °C
--
±1.3
--
%
VDD2 = 26.4 V, VOUT = 16.128 V,
ILOAD = 200 mA to 500 mA,
TJ = -40 °C to 150 °C
--
±1.7
--
%
fINT
Integrated frequency
49
--
--
kHz
Table 26. ACMP Specifications at T = -40 °C to +85 °C, VDD = 2.3 V to 5.5 V Unless Otherwise Noted
Parameter
Description
Note
Condition
Min
Typ
Max
Unit
VACMP
ACMP input voltage
range
Positive input
0
--
VDD
V
Negative input
0
--
VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com