Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CSM260B Datasheet(PDF) 4 Page - Leshan Radio Company

Part # CSM260B
Description  Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 2.0A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

CSM260B Datasheet(HTML) 4 Page - Leshan Radio Company

  CSM260B Datasheet HTML 1Page - Leshan Radio Company CSM260B Datasheet HTML 2Page - Leshan Radio Company CSM260B Datasheet HTML 3Page - Leshan Radio Company CSM260B Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Curve guarantee in the specification. The curve of test items with electric parameter is used as quality guarantee.
The curve of test items without electric parameter is used as reference only.
Before you use our Products for new Project, you are requested to carefully read this document and fully understand
its contents. LRC shall not be in any way responsible or liable for failure, malfunction or accident arising from the
use of any LRC’s Products against warning, caution or note contained in this document.
All information contained in this document is current as of the issuing date and subject to change without any prior
notice. Before purchasing or using LRC's Products, please confirm the latest information with a LRC sales
representative.
DISCLAIMER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com