Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CSM360B Datasheet(PDF) 1 Page - Leshan Radio Company

Part # CSM360B
Description  Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

CSM360B Datasheet(HTML) 1 Page - Leshan Radio Company

  CSM360B Datasheet HTML 1Page - Leshan Radio Company CSM360B Datasheet HTML 2Page - Leshan Radio Company CSM360B Datasheet HTML 3Page - Leshan Radio Company CSM360B Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1. FEATURES
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0.
Low power loss, high efficiency.
For use in low voltage high frequency inverters, free wheeling,
and polarity protection applications.
Guarding for over voltage protection.
High temperature soldering guaranteed:260°C/10 seconds.
We declare that the material of product complies with RoHS
requirements and Halogen Free.
S- prefix for automotive and other applications requiring unique
site and control change requirements; AEC-Q101 qualified and
PPAP capable.
Weight: 0.11g
2. DEVICE MARKING AND ORDERING INFORMATION
3. MAXIMUM RATINGS(Ta = 25ºC)
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375" (9.5mm) lead length at TC = 75°C
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Operating junction and storage temperature range
4. ELECTRICAL CHARACTERISTICS (Ta= 25ºC)
Maximum instantaneous forward voltage at 3.0A
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TJ = 100°C
Typical junction capacitance at 4.0V, 1MHz
1. 8.0mm² (.013mm thick) land areas
CJ
-
180
-
pF
IR
--
0.5
mA
--
10
VF
-
-
0.7
V
TJ, TSTG
–50 ~+150
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Typical thermal resistance (Note 1)
RθJA
160
/W
RθJC
50
IF(AV)
3.0
A
IFSM
80
A
VRMS
42
V
VDC
60
V
Parameter
Symbol
Limits
Unit
VRRM
60
V
CSM360B
Surface Mount Schottky Barrier Rectifiers
Reverse Voltage 60V Forward Current 3.0A
Device
Marking
Shipping
CSM360B
S66
3500/Tape&Reel
CSMB
1
2
Leshan Radio Company, LTD.
1/3
2
1
CATHODE
ANODE
Rev.O Jun. 2022


Similar Part No. - CSM360B

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
CSM360A LRC-CSM360A Datasheet
847Kb / 4P
Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
Rev.O Jun. 2021
More results

Similar Description - CSM360B

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1N5820 LRC-1N5820_12 Datasheet
205Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 3.0A
SB320 LRC-SB320_11 Datasheet
285Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB3150 LRC-SB3150 Datasheet
202Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 150V&200V Forward Current 3.0A
SM320A LRC-SM320A Datasheet
253Kb / 4P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM320B LRC-SM320B Datasheet
84Kb / 4P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM3150A LRC-SM3150A Datasheet
181Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 150 to200V Forward Current 3.0A
logo
SHIKUES Electronics
SS36FL SKTECHNOLGY-SS36FL Datasheet
286Kb / 3P
Surface Mount Schottky Barrier Rectifier Reverse Voltage - 60V Forward Current - 3.0A
logo
First Silicon Co., Ltd
SM320AF FS-SM320AF Datasheet
159Kb / 3P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
logo
Leshan Radio Company
CSM260B LRC-CSM260B Datasheet
428Kb / 4P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 2.0A
Rev.O Dec. 2021
CSM360A LRC-CSM360A Datasheet
847Kb / 4P
Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
Rev.O Jun. 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com