| Electronic Components Datasheet Search |
|
CS2036 Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
CS2036 Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation |
|
1 / 2 page ![]() – At a G l a n c e – Product Brief S2036 Open Fiber Control Empowering Intelligent Optical Networks 1 PB2029_v1.00_11/11/05 Description The S2036 is designed specifically to implement the Fibre Channel Open Fiber Control (OFC) system, a redundant safety interlock feature for laser-based fiber optic systems. It is functionally compliant with the ANSI XT311 Fibre Channel physical standard and implements the OFC system defined by that standard, to detect when the optical link has been disrupted and shut down the laser or reduce the optical power level. The S2036 employs effectively redundant paths, each of which can independently turn off the laser. The chip meets the requirements of Class 1 safety limits defined by FDA, ANSI, and IEC. It is fully compatible with AMCC's S2042/S2043 and S2044/ S2045 Fibre Channel chipsets at 265.625, 531.25, and 1062.5 Mbit/s operation. It features low-power operation and a 28-pin SOIC package. Figure 1, System Block Diagram, shows a typical network application. Overview The OFC system is an open fiber link detection and laser control system speci- fied in ANSI XT311 Fibre Channel physical standard. It is used as a safety interlock for point-to-point optical fiber links that use semiconductor laser diodes as the optical source. The major reason for implementing OFC is that the optical power levels required to obtain the desired level of system performance in Fibre Channel exceeds the Class 1 limits defined by national and interna- tional laser safety standards, if the optical fiber link between two optical ports is disconnected, such as would occur with an opened connector or a cut fiber. It is extremely important that requirements for Class 1 classification are met, due to the potential for cus- tomer exposure to laser radiation. Since it is only when an optical link is opened that a user can be exposed to laser radiation, implem enting OFC allows Class 1 classification require- ments to be met, since it can detect when the link has been disrupted and can shut down the laser or reduce the optical power level. The S2036 complies fully with the OFC specifications and Class 1 requirements. Refer to the ANSI Fibre Channel stan- dard document for details of OFC operation. S2036 AMCC Suggested Interface Devices S2042/S2043 High Performance Serial Digital Interface Circuit S2044/S2045 GLM Compliant Serial Interface Circuit General Features • Implements redundant safety interlock for laser-based fiber optic systems • Functionally compliant with ANSI XT311 Fibre Channel physical standard • Enables Class 1 safety compliance for FDA, ANSI, and IEC guidelines • Operates with the AMCC S2042/ S2043, and S2044/S2045 Fibre Channel Chipsets at 265.625, 531.25, and 1062.5 Mbit/s • On-chip ring oscillator • Ultra low power operation • 28-pin SOIC package with Green/ RoHS compliant lead free option • PECL Interface Applications • Laser-based fiber optic systems • Medical and laboratory instrumentation • High-speed data and telecommunications -Supercomputer -Frame buffer -Mainframe -Switched networks -Broadcast -Mass storage/RAID -Workstations Figure 1. System Block Diagram S2036 Open Fiber Control (OFC) S2036 Open Fiber Control (OFC) Optical RX Optical RX Optical TX Optical TX S2043 or S2045 RX S2042 or S2044 TX S2042 or S2044 TX S2043 or S2045 RX |
Similar Part No. - CS2036 |
|
Similar Description - CS2036 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |