Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PICO-APL2 Datasheet(PDF) 1 Page - AAEON Technology

Part # PICO-APL2
Description  Pico-ITX Board with Intel Atom® E3900 series/ Pentium® N4200/ Celeron® N3350 Processor SoC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

PICO-APL2 Datasheet(HTML) 1 Page - AAEON Technology

  PICO-APL2 Datasheet HTML 1Page - AAEON Technology PICO-APL2 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
03-35
0
3
Note: All specifications are subject to change without notice.
www.aaeon.com
Pico-ITX Board with Intel Atom® E3900 series/ Pentium® N4200/ Celeron® N3350 Processor SoC
PICO-APL2
Features
Specifications
■ Intel Atom® E3900/ Pentium® N4200/ Celeron® N3350 Processor
SoC
■ DDR3L 1600 MHz SODIMM x 1, up to 8GB
■ 18/24-bit Dual Channel LVDS LCD
■ HDMI1.4 x 1, Pin header (up to 2K @30Hz)
■ SATA 6.0Gb/s x 1, mSATA (Full Size) x 1
■ Intel® i210AT/i210IT, 10/100/1000Base x 1 (Pin header) *LED in
separated pin header
■ USB 3.2 Gen 1 x 2, USB 2.0 x 1
■ RS-232 x 1, RS-232/422/485 x 1
■ Mini-Card x 1 (Half-Size, PCIe/USB)
■ SMBus/I2C x 1 (default SMBus)
■ Digital I/O 4-bit
■ BIO Connector for Daughter Board (Optional)
SYSTEM
FORM FACTOR
Pico-ITX
CPU
Intel Atom® x7-E3950 (4C, 1.6GHz, up to 2GHz, TDP 12W)
Intel Atom® x5-E3940 (4C, 1.6GHz, up to 1.8GHz, TDP 9.5W)
Intel® Pentium® N4200 (4C, 1.1GHz, up to 2.5GHz, TDP 6W)
Intel® Celeron® N3350 (2C, 1.1GHz, up to 2.4GHz, TDP 6W)
CHIPSET
Intel Atom® E3900/ Pentium® N4200/ Celeron® N3350 Processor SoC
MEMORY TYPE
DDR3L SODIMM up to 1600MHz, up to 8GB
BIOS
AMI/SPI
WAKE ON LAN
Yes
WATCHDOG TIMER
255 Levels
SECURITY
RTC Battery
Lithium Battery 3V/240mAh
DIMENSION
3.94" x 2.84" (100mm x 72mm)
Gross Weight
0.18 lbs. (0.08 kg)
OS Support
Windows 10 (64 bit)
Ubuntu 20.04.4 / 5.13.0
POWER
POWER REQUIREMENT
+12V
POWER SUPPLY TYPE
AT/ATX (Pin header)
CONNECTOR
2-pin Connector (Pin header)
POWER CONSUMPTION
Intel® Pentium® N4200, DDR3L 8GB x 1, 2.16A@ +12V(TYPICAL)
Intel® Pentium® N4200, DDR3L 8GB x 1, 2.28A@ +12V(MAX)
DISPLAY
CONTROLLER
Intel® HD Graphics 500/505
LVDS/eDP
LVDS (18/24bit 2CH)
Display Interface
HDMI 1.4 x 1 (2K @30Hz) (Pin header type)
DDI (BIO, Optional)
Multiple Display
Up to 2 Simultaneous Displays
AUDIO
CODEC
Realtek 888/897
AUDIO INTERFACE
Line out
Speaker
EXTERNAL I/O
ETHERNET
Intel® i210AT/i210IT, 10/100/1000Base x 1 (Pin header)
*LED in separated pin header
USB
USB 3.2 Gen 1 x 2
SERIAL PORT
VIDEO
HDMI 1.4 x 1 (2K @30Hz) (Pin header type)
INTERNAL I/O
USB
USB2.0 x 1
SERIAL PORT
COM1: RS-232 x 1
COM2: RS-232/422/485 x 1 (Ring/ +5V/ +12V)
VIDEO
SATA
SATA III x 1
+5 SATA Power Connector x 1
AUDIO
Line-out x 1
DIO/GPIO
4-bit
SMBus/I2C
SMBus/I2C x 1 (SMBus as default, I2C selected by HW BOM)
Touch
FAN
SIM
Front Panel
HDD LED, PWR LED, Power Button, Buzzer, Reset
Others
EXPANSION
Mini PCI-E/mSATA
Full size Mini Card mPCIe/ mSATA or USB2.0 x 1 (SATA as default, mPCIe selected
by HW BOM)
Half-size Mini Card x 1 (mPCIe as default)
M.2
Others
BIO x 1 (Optional)
SMBus/I2C x 1 (SMBus as default, I2C selected by HW BOM)
ENVIRONMENT & CERTIFICATION
OPERATING TEMP
32 °F~ 140 °F (0°C ~ 60°C)
STORAGE TEMP
-40 °F ~ 176 °F (-40°C ~ 80°C)
OPERATING HUMIDITY
0% ~ 90% relative humidity, non-condensing
MTBF (HOURS)
525,137
EMC
CE/FCC Class A
Packing List
• PICO-APL2
Optional Accessories
Part Number
Description
Qty.
1709070500
SATA CABLE.7P Pitch 1.27mm.50cm
1
1702150155
SATA Power Cable
1
1700050207
USB cable 20cm
1
1703200153
COM x 2, line-out cable
1
PICO-APL2-HSP01
Heat-spreader for PICO-APL2 N4200/N3350 SKUs
1
PICO-APL2-HSP02
Heat-spreader for PICO-APL2 E3950/E3940/E3930 SKUs
1
PICO-APL2-HSK02
Heat-sink for all PICO-APL2 series, to be used with Heat-spreader 1
USB 2.0
USB 3.2 Gen 1
SATA
USB2.0
Battery
SATA Power
Minicard
(Full Size)
LVDS Inverter
SPI
DIO
Front Panel
USB 3.2 Gen 1 x 2
HDMI
12V Power
LAN_LED
LAN
Minicard (Half Size)
2023/01/11


Similar Part No. - PICO-APL2

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PICO-APL1 AAEON-PICO-APL1 Datasheet
477Kb / 2P
BIO Connector for Daughter Board (Optional)
PICO-APL1-A10-0002 AAEON-PICO-APL1-A10-0002 Datasheet
477Kb / 2P
BIO Connector for Daughter Board (Optional)
PICO-APL1-A10-0003 AAEON-PICO-APL1-A10-0003 Datasheet
477Kb / 2P
BIO Connector for Daughter Board (Optional)
PICO-APL1-HSK01 AAEON-PICO-APL1-HSK01 Datasheet
477Kb / 2P
BIO Connector for Daughter Board (Optional)
PICO-APL1-HSP01 AAEON-PICO-APL1-HSP01 Datasheet
477Kb / 2P
BIO Connector for Daughter Board (Optional)
More results

Similar Description - PICO-APL2

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIO-3360 ADVANTECH-MIO-3360 Datasheet
770Kb / 2P
Intel® Pentium N4200/Celeron N3350 Pico-ITX SBC
12-Mar-2021
logo
AAEON Technology
GENE-APL6 AAEON-GENE-APL6 Datasheet
606Kb / 2P
3.5” SubCompact Board with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/12/30
GENE-APL7 AAEON-GENE-APL7 Datasheet
527Kb / 2P
3.5” SubCompact Board with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/12/27
GENESYS-APL7 AAEON-GENESYS-APL7 Datasheet
418Kb / 2P
3.5" SubCompact Board System with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
PICO-APL4-SEMI AAEON-PICO-APL4-SEMI Datasheet
483Kb / 2P
PICO-SEMI TurnKit with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/10/04
PICO-APL4 AAEON-PICO-APL4 Datasheet
549Kb / 2P
Pico-ITX Board with Intel® Atom™/ Pentium® N4200/ Celeron® N3350 Processor SoC
2022/09/13
UP4000 AAEON-UP4000 Datasheet
669Kb / 2P
UP Developer Board with Intel® Celeron® N3350/ Intel® Pentium® N4200/ Intel Atom® x7-E3950 Processor SoC
2022/10/25
UP-EDGE-APL03C2F-A10-0216 AAEON-UP-EDGE-APL03C2F-A10-0216 Datasheet
363Kb / 2P
UP 4000 System with Intel® Pentium® N4200/ Celeron® N3350/ Atom E3950 ™ Processor SoC
2022/09/07
UPN-APLC2F-A10-0232 AAEON-UPN-APLC2F-A10-0232 Datasheet
694Kb / 2P
Developer Board with Intel® Pentium® N4200/ Celeron® N3350/ Atom™ E3950 Processor SoC
UPS-APLC2F-A20-0232 AAEON-UPS-APLC2F-A20-0232 Datasheet
611Kb / 2P
UP Squared Developer Board with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com