Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS4811 Datasheet(PDF) 4 Page - Applied Micro Circuits Corporation

Part # CS4811
Description  Multi Protocol Termination for 2047 Channels
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS4811 Datasheet(HTML) 4 Page - Applied Micro Circuits Corporation

  CS4811 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS4811 Datasheet HTML 2Page - Applied Micro Circuits Corporation CS4811 Datasheet HTML 3Page - Applied Micro Circuits Corporation CS4811 Datasheet HTML 4Page - Applied Micro Circuits Corporation CS4811 Datasheet HTML 5Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Empowering Intelligent Optical Networks
FINAL Product Brief
TIGRIS
OC-48 Multi Protocol Termination for 2047 Channels
Part Number S4811, Rev. 2.4 July 2006
• Extensive per channel statistics that include:
• Good RX cells.
• Good TX cells.
• RX loss of cell delineation events.
• RX HEC errors single bit corrected.
• RX HEC errors uncorrected.
• RX PLCP BIP errors.
• RX PLCP Remote Alarm Detected indicator.
• RX PLCP OOF indication.
• Global count of TX HEC errors received over SPI-3 in 56B
mode.
Queue Management
• On chip queue management.
• Multiple RX High/Low priority queues with programmable
service priority arbitration.
• Per channel TX High/Low priority queues with
programmable watermarks and optional discard at high
threshold.
• Full “out of band” access to on chip queue threshold
status via a 15 pin Queue Access Bus interface. Useful for
monitoring the fill level of TX and RX queues for flow
control operation.
• Per TX queue enable/disable for IMA group channel
synchronization.
Buffer Structure and Memory Management
• Manages packet data as it is moved in and out of external
SDRAM.
• On-chip pointer storage memory.
• Supports 96K packet/cell buffers.
• Configurable buffer size from 2KB to 16KB.
• Buffers are automatically linked into virtual buffers to hold
larger packets.
• RX HDLC or direct mapped packets can be by
fragmented in Nx8byte sizes and queued for transmission
on the System Interface to provide a lower latency than
full packet store and forward.
Figure 3: TIGRIS Expansion Mode used for a 2 x OC-12 solution with 4k channels
EVROS
S1208
TIGRIS
S4811
AMCC Flexible Tributary Interface (FTI)
622MHz BW Supports any valid combination
of the following:
1xSTS12c, 4xSTS3c, 12xSTS1
12DS3/E3, 336DS1/VT1.5, 252E1/VT2
HDLC/ATM controllers
4094 packet/cell channels
Supports fractional DS3
SONET to PDH framer/mapper
1xOC-12, 4XOC-3 , 12xDS3/E3
336DS1/VT1.5
252E1/VT2
Industry standard
SPI-3 interface
for Cells and
packets transfer
Industry standard
SPI-4.2 interface
for Cells and
packets transfer
TIGRIS
S4811
NP3700
EVROS
S1208
S1212
1xOC12
or
4xOC3
S1212
1xOC12
or
4xOC3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com