Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

522-FS14 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 522-FS14
Description  Hall Effect Incremental Rotary Shaft Encoders
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

522-FS14 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  522-FS14 Datasheet HTML 1Page - List of Unclassifed Manufacturers 522-FS14 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
23
5
2
3
—
Series
Shaft Diameter
1=1/4" (0.2497")
2=5/16" (0.3122")
Mounting Type
1=10-32 BH on Base
& Wire Leads
2=Flanged Base &
Wire Leads
3=10-32 BH on Base
& Male Connector
4=Flanged Base &
Male Connector
A
S
06
Channel Outputs
A=NPN w/Pullup Res.
B=NPN Open Collector
D=1.5K Pullup, No Ser. R
F=5Vdc w/Pullup Res.
G=5Vdc Open Collector
H=PNP Sourcing Output
Channel Types
S=Single Channel
Q=Quadrature Outputs
PPR (Pulses per Revolution)
Channel Types “S” and “Q”
01
02
03
04
05
06
07
08
09
10
12
15
18
20
25
30
Added Channel Types “S” (Square Wave)
14
16
24
Ordering Information
Dimensional Drawings



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com