Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

9DB803DGLF Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 9DB803DGLF
Description  EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB803DGLF Datasheet(HTML) 5 Page - Renesas Technology Corp

  9DB803DGLF Datasheet HTML 1Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 2Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 3Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 4Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 5Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 6Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 7Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 8Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ICS9DB803D
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
IDT®
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
5
ICS9DB803D
REV N 071013
Pin Descriptions for OE_INV=1
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1SRC_DIV#
IN
Active low Input for determining SRC output frequency SRC or SRC/2.
0 = SRC/2, 1= SRC
2VDDR
PWR
3.3V power for differential input clock (receiver). This VDD should be
treated as an analog power rail and filtered appropriately.
3
GND
PWR
Ground pin.
4
SRC_IN
IN
0.7 V Differential SRC TRUE input
5
SRC_IN#
IN
0.7 V Differential SRC COMPLEMENTARY input
6OE0#
IN
Active low input for enabling DIF pair 0.
1 =disable outputs, 0 = enable outputs
7OE3#
IN
Active low input for enabling DIF pair 3.
1 =disable outputs, 0 = enable outputs
8
DIF_0
OUT
0.7V differential true clock output
9
DIF_0#
OUT
0.7V differential Complementary clock output
10
GND
PWR
Ground pin.
11
VDD
PWR
Power supply, nominal 3.3V
12
DIF_1
OUT
0.7V differential true clock output
13
DIF_1#
OUT
0.7V differential Complementary clock output
14
OE1#
IN
Active low input for enabling DIF pair 1.
1 =disable outputs, 0 = enable outputs
15
OE2#
IN
Active low input for enabling DIF pair 2.
1 =disable outputs, 0 = enable outputs
16
DIF_2
OUT
0.7V differential true clock output
17
DIF_2#
OUT
0.7V differential Complementary clock output
18
GND
PWR
Ground pin.
19
VDD
PWR
Power supply, nominal 3.3V
20
DIF_3
OUT
0.7V differential true clock output
21
DIF_3#
OUT
0.7V differential Complementary clock output
22
BYPASS#/PLL
IN
Input to select Bypass(fan-out) or PLL (ZDB) mode
0 = Bypass mode, 1= PLL mode
23
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
24
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com