Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MC34929EP Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MC34929EP
Description  Brushless DC 1.0 AMP 28 VOLT Motor Driver IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34929EP Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC34929EP Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34929EP Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34929EP Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34929EP Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34929EP Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34929EP Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34929EP Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34929EP Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34929EP Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
34929
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
High Side RDS-ON
(15)
RON-T
0.25
0.5
Low Side RDS-ON
(15)
RON-B
0.25
0.5
High Side RDS-ON (hot)
(16)
RON-T_REF
0.3
0.6
Low Side RDS-ON (hot)
(16)
RON-B_REF
0.3
0.6
H-bridge MOSFETs’ Body-Diode Forward Voltage Drop(17)
VF-LD
1.2
V
Stall Detection Timer Output Current
IO-LDC
128
µA
Stall Detection Timer Detection Voltage
V-CTDET
2.5
V
Current Limit Sense Voltage Threshold
VISENS
0.09
0.1
0.11
V
Thermal Shutdown Temperature
TSD
150
165
180
°C
TSD Hysteresis
TSD-HYS
30
°C
Notes
15.
@ TA = 25°C, 14 V =< V+ =< 28 V, IO = 1.0 A.
16.
Typical value (for reference only) @ 85°C =< TJ =< 150°C, 8.0 V =< V+ =< 14 V. Not tested; not guaranteed.
17.
@ IF = 1.0 A for each output MOSFET (measured from source to drain).
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 8.0 V
≤ V
SUP ≤ 28 V, - 0°C ≤ T
A ≤ 85°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com