Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB95F118MS Datasheet(PDF) 11 Page - fujitsu semiconductor

Part # MB95F118MS
Description  8-bit Proprietary Microcontrollers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F118MS Datasheet(HTML) 11 Page - fujitsu semiconductor

Back Button MB95F118MS Datasheet HTML 7Page - fujitsu semiconductor MB95F118MS Datasheet HTML 8Page - fujitsu semiconductor MB95F118MS Datasheet HTML 9Page - fujitsu semiconductor MB95F118MS Datasheet HTML 10Page - fujitsu semiconductor MB95F118MS Datasheet HTML 11Page - fujitsu semiconductor MB95F118MS Datasheet HTML 12Page - fujitsu semiconductor MB95F118MS Datasheet HTML 13Page - fujitsu semiconductor MB95F118MS Datasheet HTML 14Page - fujitsu semiconductor MB95F118MS Datasheet HTML 15Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
MB95110M Series
11
■ I/O CIRCUIT TYPE
(Continued)
Type
Circuit
Remarks
A
• Oscillation circuit
• High-speed side
Feedback resistance : approx. 1 M
Ω
• Low-speed side
Feedback resistance : approx. 24 M
Ω
(Evaluation product : approx. 10 M
Ω)
Dumping resistance : approx. 144 M
Ω)
(Evaluation product : without dumping
resistance)
B
• Only for input
Hysteresis input only for MASK ROM
product
With pull-down resistor only for MASK
ROM
product
B’
• Reset output
• Hysteresis input
C
• CMOS output
• Hysteresis input
• Automotive input
G
• CMOS output
• CMOS input
• Hysteresis input
• With pull-up control
• Automotive input
X0 (X0A)
X1 (X1A)
N-ch
Standby control
Clock input
R
Mode input
N-ch
Reset input
Reset output
P-ch
N-ch
Standby control
External interrupt
enable
Digital output
Digital output
Hysteresis input
Automotive input
R
P-ch
N-ch
P-ch
Pull-up control
Standby control
Digital output
Digital output
Hysteresis input
CMOS input
Automotive input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com