Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CAT3603 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT3603
Description  3-Channel LED Driver in 3x3mm Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3603 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT3603 Datasheet HTML 4Page - Catalyst Semiconductor CAT3603 Datasheet HTML 5Page - Catalyst Semiconductor CAT3603 Datasheet HTML 6Page - Catalyst Semiconductor CAT3603 Datasheet HTML 7Page - Catalyst Semiconductor CAT3603 Datasheet HTML 8Page - Catalyst Semiconductor CAT3603 Datasheet HTML 9Page - Catalyst Semiconductor CAT3603 Datasheet HTML 10Page - Catalyst Semiconductor CAT3603 Datasheet HTML 11Page - Catalyst Semiconductor CAT3603 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CAT3603
Doc. No. 5017 Rev. C
8
© 2006 Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
BLOCK DIAGRAM
Figure 2. CAT3603 Functional Block Diagram
BASIC OPERATION
At power-up, the CAT3603 starts operating in 1x mode
where the output will be approximately equal to the input
supply voltage (minus any internal voltage losses). If the
output voltage is sufficient to regulate all LED currents,
the device remains in 1x operating mode.
If the input voltage falls to a level where the regulated
currents cannot be maintained, the device automa–
tically switches into 1.5x mode.
In 1.5x mode, the output is approximately equal to 1.5
times the input supply voltage (minus any internal
voltage losses), and high enough to achieve the
nominal LED current.
The above sequence is reinitialized every time the
chip is powered-up or is taken out of shutdown mode
(via EN pin).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com